Electronic Components Datasheet Search |
|
2N3420JAN Datasheet(PDF) 1 Page - Microsemi Corporation |
|
2N3420JAN Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 2 page TECHNICAL DATA NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393 Devices Qualified Level 2N3418 2N3814S 2N3419 2N3419S 2N3420 2N3420S 2N3421 2N3421S JAN JANTX JANTXV MAXIMUM RATINGS Ratings Symbol 2N3418, S 2N3420, S 2N3419, S 2N3421, S Unit Collector-Emitter Voltage VCEO 60 80 Vdc Collector-Base Voltage VCBO 85 125 Vdc Emitter-Base Voltage VEBO 8.0 Vdc Collector Current tP ≤ 1.0 ms, duty cycle ≤ 50% IC 3.0 5.0 Adc Total Power Dissipation @ TA = +25 0C(1) @ TC = +100 0C(2) PT 1.0 15 W W/ 0C Operating & Storage Temperature Range Top, Tstg -65 to +200 0C 1) Derate linearly 5.72 mW/ 0C for TA > 250C 2) Derate linearly 150 mW/ 0C for TC > 1000C TO- 5* 2N3418, 2N3419, 2N3420, 2N3421 TO-39* (TO205-AD) 2N3418S, 2N3419S, 2N3420S, 2N3421S *See Appendix A for Package Outline ELECTRICAL CHARACTERISTICS Characteristics Symbol Min. Max. Unit OFF CHARACTERISTICS Collector-Emitter Breakdown Current IC = 50 mAdc, IB = 0 2N3418, S; 2N3420, S 2N3419, S; 2N3421, S V(BR)CEO 60 80 Vdc Collector-Emitter Cutoff Current VBE = -0.5 Vdc, VCE = 80 Vdc 2N3418, S; 2N3420, S VBE = -0.5 Vdc, VCE = 120 Vdc 2N3419, S; 2N3421, S ICEX 0.3 0.3 µAdc Collector-Emitter Cutoff Current VCE = 45 Vdc, IB = 0 2N3418, S; 2N3420, S VCE = 60 Vdc, IB = 0 2N3419, S; 2N3421, S ICEO 5.0 5.0 µAdc Emitter-Base Cutoff Current VEB = 6.0 Vdc, IC = 0 VEB = 8.0 Vdc, IC = 0 IEBO 0.5 10 µAdc 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 1 of 2 |
Similar Part No. - 2N3420JAN |
|
Similar Description - 2N3420JAN |