Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23B236A Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23B236A
Description  2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23B236A Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23B236A Datasheet HTML 1Page - OKI electronic componets MSC23B236A Datasheet HTML 2Page - OKI electronic componets MSC23B236A Datasheet HTML 3Page - OKI electronic componets MSC23B236A Datasheet HTML 4Page - OKI electronic componets MSC23B236A Datasheet HTML 5Page - OKI electronic componets MSC23B236A Datasheet HTML 6Page - OKI electronic componets MSC23B236A Datasheet HTML 7Page - OKI electronic componets MSC23B236A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSC23B236A-xxBS8/DS8
¡ Semiconductor
159
¡ Semiconductor
MSC23B236A-xxBS8/DS8
2,097,152-Word
¥ 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
DESCRIPTION
The Oki MSC23B236A-xxBS8/DS8 is a fully decoded 2,097,152-word ¥ 36-bit CMOS dynamic
random access memory composed of four 16-Mb (1M ¥ 16) DRAMs in SOJ and four 2-Mb (1M
¥ 2) DRAMs in SOJ. The mounting of eight DRAMs together with decoupling capacitors on a 72-
pin glass epoxy SIMM Package supports any application where high density and large capacity
of storage memory are required.
FEATURES
• 2,097,152-word ¥ 36-bit (Parity) organization
• 72-pin SIMM
MSC23B236A-xxBS8
: Gold tab
MSC23B236A-xxDS8
: Solder tab
• Single 5 V supply
±10% tolerance
• Input
: TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 1024 cycles/16 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Fast Page Mode capability
PRODUCT FAMILY
Family
Access Time (Max.)
Cycle Time
(Min.)
Power Dissipation
Operating (Max.) Standby (Max.)
tRAC
tAA
tCAC
MSC23B236A-60BS8/DS8
MSC23B236A-70BS8/DS8
60 ns
70 ns
30 ns
35 ns
15 ns
20 ns
110 ns
130 ns
3410 mW
3080 mW
44 mW


Similar Part No. - MSC23B236A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D-XXBS8 OKI-MSC23B236D-XXBS8 Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D-XXDS8 OKI-MSC23B236D-XXDS8 Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23B236A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236D OKI-MSC23236D Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23237D-XXBS18 OKI-MSC23237D-XXBS18 Datasheet
89Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com