Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5168 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MBI5168
Description  8-bit Constant Current LED Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5168 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MBI5168 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 11Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 12Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MBI5168
8-bit Constant Current LED Sink Driver
September 2003, V0.3
- 9 -
OE
OUTn
OUTn
OE
Timing Waveform
LOW = OUTPUTS ENABLED
50%
50%
th(L)
LE
tW(CLK)
tsu(D)
th(D)
tpLH, tpHL
50%
50%
50%
50%
50%
tW(L)
SDI
CLK
SDO
50%
tsu(L)
tpLH2, tpHL2
HIGH = OUTPUT OFF
50%
LOW = OUTPUT ON
tpLH1, tpHL1
50%
50%
tpHL3
50%
50%
tpLH3
tW(OE)
90%
10%
10%
90%
tof
tor


Similar Part No. - MBI5168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CD ETC-MBI5169CD Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CN ETC-MBI5169CN Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CP ETC-MBI5169CP Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
More results

Similar Description - MBI5168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com