Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23226333 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 23226333
Description  NTC Thermistors, High Temperature Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

23226333 Datasheet(HTML) 4 Page - Vishay Siliconix

  23226333 Datasheet HTML 1Page - Vishay Siliconix 23226333 Datasheet HTML 2Page - Vishay Siliconix 23226333 Datasheet HTML 3Page - Vishay Siliconix 23226333 Datasheet HTML 4Page - Vishay Siliconix 23226333 Datasheet HTML 5Page - Vishay Siliconix 23226333 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2322 633 3/5/8....
Vishay BCcomponents NTC Thermistors, High Temperature Sensors
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29050
102
Revision: 10-Oct-03
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES FOR 2322 633 8.... SERIES
Note
1. Replace dot in last 5-digits of catalog number by a number according to the following list and depending on tolerance on required R25-value:
a) 3 for a tolerance of ±5%.
b) 2 for a tolerance of ±10%.
Toper
(°°°°C)
RT/R25
∆R DUE TO
B-TOLERANCE
(%)
TC
(%/K)
R25
(kΩ
Ω)
2322 633 ..... (see note 1)
8.103
8.203
8.303
8.104
8.224
−40
33.06
4.65
6.59
330.6
661.2
991.8
3306
-
−35
23.90
4.21
6.37
239.0
478.1
717.1
2390
-
−30
17.47
3.79
6.16
174.7
349.4
524.1
1747
-
−25
12.90
3.38
5.96
129.0
258.0
387.0
1290
-
−20
9.621
2.99
5.77
96.21
192.4
288.6
962.1
-
−15
7.242
2.61
5.59
72.42
144.8
217.3
724.2
-
−10
5.501
2.24
5.41
55.01
110.0
165.0
550.1
-
−5
4.214
1.89
5.24
42.14
84.28
126.4
421.4
-
0
3.255
1.55
5.08
32.55
65.09
97.64
325.5
-
5
2.534
1.22
4.93
25.34
50.67
76.01
253.4
-
10
1.987
0.90
4.78
19.87
39.74
59.62
198.7
-
15
1.570
0.59
4.64
15.70
31.40
47.10
157.0
-
20
1.249
0.29
4.51
12.49
24.98
37.46
124.9
-
25
1.000
0.00
4.38
10.00
20.00
30.00
100.0
220000
30
0.8059
0.28
4.25
8.059
16.12
24.18
80.59
179500
35
0.6534
0.55
4.13
6.534
13.07
19.60
65.34
-
40
0.5329
0.82
4.02
5.329
10.66
15.99
53.29
121300
45
0.4371
1.08
3.91
4.371
8.742
13.11
43.71
-
50
0.3604
1.34
3.80
3.604
7.209
10.81
36.04
83630
55
0.2988
1.58
3.70
2.988
5.976
8.963
29.88
-
60
0.2489
1.82
3.60
2.489
4.978
7.467
24.89
58710
65
0.2084
2.06
3.51
2.084
4.168
6.251
20.84
-
70
0.1753
2.29
3.42
1.753
3.505
5.258
17.53
41920
75
0.1481
2.51
3.33
1.481
2.961
4.442
14.81
-
80
0.1256
2.73
3.24
1.256
2.512
3.769
12.56
30410
85
0.1070
2.95
3.16
1.070
2.141
3.211
10.70
-
90
0.09156
3.16
3.08
0.9156
1.831
2.747
9.156
22390
95
0.07862
3.36
3.01
0.7862
1.572
2.359
7.862
-
100
0.06777
3.56
2.93
0.6777
1.355
2.033
6.777
16720
105
0.05863
3.76
2.86
0.5863
1.173
1.759
5.863
-
110
0.05089
3.95
2.79
0.5089
1.018
1.527
5.089
12630
115
0.04433
4.13
2.73
0.4433
0.8865
1.330
4.433
-
120
0.03873
4.32
2.66
0.3873
0.7747
1.162
3.873
9663
125
0.03395
4.50
2.60
0.3395
0.6791
1.019
3.395
-
130
0.02985
4.67
2.54
0.2985
0.5971
0.8956
2.985
7478
135
0.02633
4.84
2.49
0.2633
0.5265
0.7898
2.633
-
140
0.02328
5.01
2.43
0.2328
0.4656
0.6984
2.328
5851
145
0.02065
5.17
2.38
0.2065
0.4129
0.6194
2.065
-
150
0.01836
5.33
2.32
0.1836
0.3671
0.5507
1.836
4625
155
0.01636
5.49
2.27
0.1636
0.3273
0.4909
1.636
-
160
0.01455
5.65
2.23
0.1455
0.2910
0.4365
1.455
3691
165
0.01303
5.80
2.18
0.1303
0.2606
0.3909
1.303
-
170
0.01169
5.95
2.14
0.1169
0.2339
0.3508
1.169
2973
175
0.01052
6.10
2.09
0.1052
0.2104
0.3156
1.052
-
180
0.00948
6.24
2.05
0.09484
0.1897
0.2845
0.9484
2415
185
0.00857
6.38
2.01
0.08569
0.1714
0.2571
0.8569
-
190
0.00776
6.52
1.97
0.07757
0.1551
0.2327
0.7757
1978
195
0.00704
6.66
1.93
0.07037
0.1407
0.2111
0.7037
-
200
0.00640
6.79
1.89
0.06396
0.1279
0.1919
0.6396
1632


Similar Part No. - 23226333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226330 VISHAY-23226330 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263302102 VISHAY-232263302102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263302222 VISHAY-232263302222 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263303222 VISHAY-232263303222 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
More results

Similar Description - 23226333

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLG100E2 VISHAY-NTCLG100E2_V01 Datasheet
86Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
01-Jan-2022
NTCLG100E2 VISHAY-NTCLG100E2 Datasheet
90Kb / 6P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 01-Jul-15
NTCLG100E2 VISHAY-NTCLG100E2_17 Datasheet
87Kb / 5P
   NTC Thermistors, Glass Encapsulated High Temperature Sensors
Revision: 29-Jun-17
NTCACAP VISHAY-NTCACAP Datasheet
104Kb / 3P
   NTC Thermistors, Refrigerator Sensors
Revision: 03-Feb-17
NTCACAP VISHAY-NTCACAP_V01 Datasheet
102Kb / 3P
   NTC Thermistors, Refrigerator Sensors
01-Jan-2022
232264510 VISHAY-232264510 Datasheet
46Kb / 2P
   NTC Thermistors, Long Lead Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 08-Aug-12
232264090042 VISHAY-232264090042 Datasheet
50Kb / 2P
   NTC Thermistors, Steel Capped Sensors
Revision: 10-Oct-03
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
   NTC Thermistors, Standard Lug Sensors
Revision: 12-Oct-2018
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
   NTC Thermistors, Mini Lug Sensors
Revision: 16-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com