Electronic Components Datasheet Search |
|
23226333 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
23226333 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 6 page 2322 633 3/5/8.... Vishay BCcomponents NTC Thermistors, High Temperature Sensors www.vishay.com For technical questions contact: nlr.europe@vishay.com Document Number: 29050 104 Revision: 10-Oct-03 B1 outside width <4.5 − mm P pitch 4.0 ±0.1 mm D1 hole diameter 1.0 ±0.1 mm FEED-HOLE D0 diameter 1.5 ±0.1 mm P0 pitch 4.0 ±0.1 mm E distance 1.75 ±0.1 mm cumulative pitch error over 10 positions 0 ±0.1 mm CENTRE LINE P2 length 2.0 ±0.05 mm F width 3.5 ±0.1 mm FIXING TAPE W1 width <5.5 − mm T1 thickness <0.1 − mm CARRIER TAPE mm W thickness 8.0 ±0.2 mm δ bending <0.3 − mm T thickness <0.4 − mm Reel FLANGE A diameter 180 +0mm t thickness 1.5 +0.5 mm W space between flanges 9.5 ±0.5 mm HUB B diameter 62.0 ±1.5 mm C spindle hole 12.75 +0.15/−0mm KEY SLIT E width 2.0 ±0.5 mm U depth 4.0 ±0.5 mm O location 120 − ° SYMBOL PARAMETER NOMINAL DIMENSIONS TOLERANCE UNIT Note The bandolier of a 180 mm reel contains at least 2500 devices with no more than 0.5% empty positions. Three consecutive empty places may be found provided this gap is followed by 6 consecutive devices. The carrier tape starts (leader) and ends (trailer) with at least 75 empty positions (equivalent to 300 mm); the covering foil is at least 300 mm. In order to fix the carrier tape a self-adhesive tape of 20 to 50 mm width is applied. MBC941 0.8 max 5 0.3 S 6 0.5 L 2 L 1 53 1.5 1.2 max The components are centred so that ⎪L1 - L2⎪ = 1.2 mm max. The cumulative space (S) measured over 10 spacings = 50 ±2 mm. THERMISTORS ON BANDOLIER (2322 633 3....) |
Similar Part No. - 23226333 |
|
Similar Description - 23226333 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |