Electronic Components Datasheet Search |
|
LTST-C230KSKT Datasheet(PDF) 10 Page - Lite-On Technology Corporation |
|
LTST-C230KSKT Datasheet(HTML) 10 Page - Lite-On Technology Corporation |
10 / 11 page LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Part No. : LTST-C230KSKT Page : 10 of 11 BNS-OD-C131/A4 ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or “ no lightup ” at low currents. To verify for ESD damage, check for “ lightup ” and Vf of the suspect LEDs at low currents. The Vf of “ good ” LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product. 7. Reliability Test Classification Test Item Test Condition Reference Standard Operation Life Ta= Under Room Temperature As Per Data Sheet Maximum Rating *Test Time= 1000HRS (-24HRS,+72HRS)*@20mA. MIL-STD-750D:1026 MIL-STD-883D:1005 JIS C 7021:B-1 High Temperature High Humidity Storage IR-Reflow In-Board, 2 Times Ta= 65±5℃,RH= 90~95% *Test Time= 240HRS±2HRS MIL-STD-202F:103B JIS C 7021:B-11 High Temperature Storage Ta= 105±5℃ *Test Time= 1000HRS (-24HRS,+72HRS) MIL-STD-883D:1008 JIS C 7021:B-10 Endurance Test Low Temperature Storage Ta= -55±5℃ *Test Time=1000HRS (-24HRS,+72H RS) JIS C 7021:B-12 Temperature Cycling 105℃ ~ 25℃ ~ -55℃ ~ 25℃ 30mins 5mins 30mins 5mins 10 Cycles MIL-STD-202F:107D MIL-STD-750D:1051 MIL-STD-883D:1010 JIS C 7021:A-4 Thermal Shock IR-Reflow In-Board, 2 Times 85 ± 5℃ ~ -40℃ ± 5℃ 10mins 10mins 10 Cycles MIL-STD-202F:107D MIL-STD-750D:1051 MIL-STD-883D:1011 Solder Resistance T.sol= 260 ± 5℃ Dwell Time= 10 ± 1secs MIL-STD-202F:210A MIL-STD-750D:2031 JIS C 7021:A-1 IR-Reflow Normal Process Ramp-up rate(183℃ to Peak) +3℃/ second max Temp. maintain at 125(±25)℃ 120 seconds max Temp. maintain above 183℃ 60-150 seconds Peak temperature range 235℃+5/-0℃ Time within 5°C of actual Peak Temperature (tp) 10-30 seconds Ramp-down rate +6℃/second max MIL-STD-750D:2031.2 J-STD-020 IR-Reflow Pb Free Process Ramp-up rate(217 to Peak) +3 / second max ℃℃ Temp. maintain at 175(±25) 180 seconds max ℃ Temp. maintain above 217 60 ℃ -150 seconds Peak temperature range 260 +0/ ℃ -5℃ Time within 5°C of actual Peak Temperature (tp) 20-40 seconds Ramp-down rate +6 /second max ℃ MIL-STD-750D:2031.2 J-STD-020 Environmental Test Solderability T.sol= 235 ± 5℃ Immersion time 2±0.5 sec Immersion rate 25±2.5 mm/sec Coverage ≧95% of the dipped surface MIL-STD-202F:208D MIL-STD-750D:2026 MIL-STD-883D:2003 IEC 68 Part 2-20 JIS C 7021:A-2 8. Others The appearance and specifications of the product may be modified for improvement without prior notice. |
Similar Part No. - LTST-C230KSKT |
|
Similar Description - LTST-C230KSKT |