Electronic Components Datasheet Search |
|
232266293114 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
232266293114 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page 2322 66. 9.... PTC Thermistors, Overload Protection For Telecommunication Vishay BCcomponents Document Number: 29070 For technical questions contact: nlr.europe@vishay.com www.vishay.com Revision: 10-Oct-03 165 Notes 1. Taped in accordance with “IEC 60286-2”; standard packaging: 1500 units/reel. 2. Naked disc ceramic for substrate mounting, available on request. 3. Insulated version is also available. 7.0 4.0 2.5 ±0.5 − 10.0 taped H0 = 16 mm 661 93121 8.5 4.0 2.5 ±0.5 4.1 ±0.5 11.5 bulk 661 93124 8.5 4.0 2.5 ±0.5 − 11.5 taped H0 = 16 mm 661 93146 8.5 4.0 2.5 ±0.5 4.1 ±0.5 11.5 bulk 661 93135 8.0 5.0 2.5 ±0.5 − 11.0 taped H0 = 16 mm 661 93056 8.5 4.0 2.0 ±0.5 − 11.0 taped H0 = 16 mm 661 93139 10.5 5.0 2.0 ±0.5 − 12.6 taped H0 = 16 mm 662 93129 13 5.5 4.0 ±1.0 20 min. 18.0 bulk 662 93114 13 5.5 4.0 ±1.0 20 min. 18.0 bulk 662 93131 D MAX. T MAX. H2 L1 H3 MAX. PACKAGING(1)(2) CATALOG NUMBER 2322 ... ..... PACKAGING All tape and reel specifications are in accordance with “IEC 60286-3”. Basic dimensions are given in the drawing below, the Dimensions of the Reel drawing, and tape and other Devices and Reel Dimensions tables. TAPE SPECIFICATIONS P0 D P d P1 F D0 L W0 W1 W2 W H 0 H T 1 H 2 H 3 ∆p ∆p MBE473 15 5 oo 0 0.2 ∆h ∆h t T Thermistors with ∅D ≤ 12 mm on tape for 2322 66. 9.... For dimensions, see Tape and other Devices table. TAPE AND OTHER DEVICE DIMENSIONS in millimeters SYMBOL PARAMETER DIMENSIONS TOLERANCE REMARKS D body diameter see Specific Physical Dimensions table ±0.5 T total maximum thickness see Specific Physical Dimensions table d lead diameter 0.6 ±10% P pitch between thermistors: ∅ < 12 mm 12.7 ±1 ∅ ≥ 12 mm 25.4 ±2 P0 feed hole pitch 12.7 ±0.3 cumulative pitch error ±1 mm/20 pitches P1 feed hole centre to lead centre 3.81 ±0.7 guaranteed between component and tape ∆h component alignment 0 ±1.3 |
Similar Part No. - 232266293114 |
|
Similar Description - 232266293114 |