Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2211-300D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2211-300D
Description  data delay devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2211-300D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2211-300D Datasheet HTML 1Page - List of Unclassifed Manufacturers 2211-300D Datasheet HTML 2Page - List of Unclassifed Manufacturers 2211-300D Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2211
Doc #97027
DATA DELAY DEVICES, INC.
1
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED DIP DELAY LINE
TD/TR = 10
(SERIES 2211)
FEATURES
PACKAGES
High bandwidth (TD/TR =10)
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 2211-series device is a fixed, single-input, single-output, passive delay line. The signal input (IN) is
reproduced at the output (OUT) with a delay (TD) given by the device dash number. The characteristic
impedance of the line is given by the letter code that follows the dash number (See Table). The rise time
(TR) of the line is 10% of TD, and the 3dB bandwidth is given by 3.5 / TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
TR
(ns)
Imped.
(
Ω)
RDC
(
Ω)
2211-50A
50.0
± 2.5
5.0
50
3.2
2211-60A
60.0
± 3.0
6.0
50
3.6
2211-80A
80.0
± 4.0
8.0
50
5.0
2211-100A
100
± 5.0
10.0
50
6.0
2211-150A
150
± 7.5
15.0
50
6.0
2211-200A
200
± 10.0
20.0
50
7.0
2211-50B
50.0
± 2.5
5.0
100
6.0
2211-60B
60.0
± 3.0
6.0
100
6.0
2211-80B
80.0
± 4.0
8.0
100
6.5
2211-100B
100
± 5.0
10.0
100
7.0
2211-150B
150
± 7.5
15.0
100
8.0
2211-200B
200
± 10.0
20.0
100
8.5
2211-300B
300
± 15.0
30.0
100
11.0
2211-400B
400
± 20.0
40.0
100
12.0
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
N/C
IN
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
OUT
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
2211-xxz
(DIP)
2211-xxzC4
(Gull-Wing)
xx = Delay (TD)
z
= Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
TR
(ns)
Imped
.
(
Ω)
RDC
(
Ω)
2211-40C
40.0
± 2.0
4.0
200
7.0
2211-80C
80.0
± 4.0
8.0
200
8.0
2211-120C
120
± 6.0
12.0
200
10.0
2211-200C
200
± 10.0
20.0
200
13.0
2211-300C
300
± 15.0
30.0
200
12.0
2211-400C
400
± 20.0
40.0
200
15.0
2211-500C
500
± 25.0
50.0
200
17.0
2211-600C
600
± 30.0
60.0
200
23.0
2211-800C
800
± 40.0
80.0
200
38.0
2211-50D
50.0
± 2.5
5.0
250
7.0
2211-100D
100
± 5.0
10.0
250
10.0
2211-150D
150
± 7.5
15.0
250
12.0
2211-200D
200
± 10.0
20.0
250
22.0
2211-250D
250
± 12.5
25.0
250
21.0
2211-300D
300
± 15.0
30.0
250
23.0
2211-400D
400
± 20.0
40.0
250
26.0
2211-500D
500
± 25.0
50.0
250
30.0
2211-600D
600
± 30.0
60.0
250
37.0
2211-800D
800
± 40.0
80.0
250
41.0
2211-1000D
1000
± 50.0
100
250
47.0
2211-200G
200
± 10.0
20.0
500
20.0
2211-300G
300
± 15.0
30.0
500
37.0
2211-400G
400
± 20.0
40.0
500
40.0
2211-500G
500
± 25.0
50.0
500
45.0
2211-600G
600
± 30.0
60.0
500
52.0
2211-800G
800
± 40.0
80.0
500
80.0
2211-1000G
1000
± 50.0
100
500
100
2211-1200G
1200
± 60.0
120
500
110
2211-1500G
1500
± 75.0
150
500
130
2211-2000G
2000
± 100
200
500
156


Similar Part No. - 2211-300D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2211-300D ETC-2211-300D Datasheet
42Kb / 3P
   FIXED DIP DELAY LINE
logo
Data Delay Devices, Inc...
2211-300D DATADELAY-2211-300D Datasheet
43Kb / 3P
   FIXED DIP DELAY LINE TD/TR = 10
More results

Similar Description - 2211-300D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2214 ETC1-2214 Datasheet
42Kb / 3P
   data delay devices
2075 ETC1-2075 Datasheet
30Kb / 2P
   data delay devices
logo
Keysight Technologies
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com