Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2214-400B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2214-400B
Description  data delay devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2214-400B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2214-400B Datasheet HTML 1Page - List of Unclassifed Manufacturers 2214-400B Datasheet HTML 2Page - List of Unclassifed Manufacturers 2214-400B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2214
Doc #97026
DATA DELAY DEVICES, INC.
3
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Rload:
10M
Input Pulse:
High = 3.0V typical
Cload:
10pf
Low = 0.0V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width (TD <= 75ns): PWIN = 100ns
Period
(TD <= 75ns): PERIN = 1000ns
Pulse Width (TD > 75ns):
PWIN = 2 x TD
Period
(TD > 75ns):
PERIN = 10 x TD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
Timing Diagram For Testing
TRISE
TFALL
PERIN
PWIN
TRISE
TFALL
10%
10%
50%
50%
90%
90%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
TRISE
TFALL
10%
10%
90%
90%
IN
T1
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE
T20


Similar Part No. - 2214-400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2214-400B ETC-2214-400B Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
Data Delay Devices, Inc...
2214-400B DATADELAY-2214-400B Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
More results

Similar Description - 2214-400B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2211 ETC1-2211 Datasheet
35Kb / 3P
   data delay devices
2075 ETC1-2075 Datasheet
30Kb / 2P
   data delay devices
logo
Keysight Technologies
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com