Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9858BSV Datasheet(PDF) 11 Page - Analog Devices

Part # AD9858BSV
Description  1 GSPS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858BSV Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9858BSV Datasheet HTML 7Page - Analog Devices AD9858BSV Datasheet HTML 8Page - Analog Devices AD9858BSV Datasheet HTML 9Page - Analog Devices AD9858BSV Datasheet HTML 10Page - Analog Devices AD9858BSV Datasheet HTML 11Page - Analog Devices AD9858BSV Datasheet HTML 12Page - Analog Devices AD9858BSV Datasheet HTML 13Page - Analog Devices AD9858BSV Datasheet HTML 14Page - Analog Devices AD9858BSV Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9858
Rev. A | Page 11 of 32
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START 0Hz
50MHz/
STOP 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
MARKER 1 [T1]
–1.25dBm
375.75150301MHz
1
Figure 9. Wideband SFDR, 375 MHz FOUT
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 216.1MHz
100kHz/
SPAN 1MHz
300Hz
300Hz
56s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
Figure 10. Narrow-Band SFDR, 201 MHz FOUT,
1 MHz BW, 1 GHz Clock, Divider Off
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 216.1MHz
100kHz/
SPAN 1MHz
300Hz
300Hz
56s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
Figure 11. Narrow-Band SFDR, 201 MHz FOUT,
1 MHz BW, 2 GHz Clock, Divider On
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
CENTER 375.1MHz
500kHz/
SPAN 5MHz
500Hz
500Hz
100s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
MARKER 1 [T1]
–1.35dBm
375.10501002MHz
1
Figure 12. Narrow-Band SFDR, 375 MHz FOUT, 1 MHz BW
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START 0Hz
50MHz/
STOP 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
MARKER 1 [T1]
1.12dBm
216.43286573MHz
1
Figure 13. Wideband SFDR, 201 MHz FOUT, 1GHz Clock, Divider Off
–10
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
START 0Hz
50MHz/
STOP 500MHz
5kHz
5kHz
50s
RF ATT
UNIT
20dB
dB
A
1AP
REF LVL
5dBm
RBW
VBW
SWT
MARKER 1 [T1]
1.12dBm
216.43286573MHz
1
Figure 14. Wideband SFDR, 201 MHz FOUT, 2 GHz Clock, Divider On


Similar Part No. - AD9858BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results

Similar Description - AD9858BSV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9915 AD-AD9915 Datasheet
877Kb / 48P
   2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com