Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2322594 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 2322594
Description  Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322594 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 2322594 Datasheet HTML 2Page - Vishay Siliconix 2322594 Datasheet HTML 3Page - Vishay Siliconix 2322594 Datasheet HTML 4Page - Vishay Siliconix 2322594 Datasheet HTML 5Page - Vishay Siliconix 2322594 Datasheet HTML 6Page - Vishay Siliconix 2322594 Datasheet HTML 7Page - Vishay Siliconix 2322594 Datasheet HTML 8Page - Vishay Siliconix 2322594 Datasheet HTML 9Page - Vishay Siliconix 2322594 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Document Number: 29081
For technical questions contact: nlr.europe@vishay.com
www.vishay.com
Revision: 28-Apr-04
31
2322 59. .....
Varistors
Vishay BCcomponents
Note
1. Outline of the Ø20 mm differs from the other dimensions.
VARISTORS IN BULK
TYPE
2322 592 .....
∅5 mm
14 V to 460 V
2322 593 .....
∅7 mm
14 V to 460 V
2322 594 .....
∅10 mm
14 V to 550 V
2322 595 .....
∅14 mm
14 V to 550 V
2322 596 .....
∅20 mm
14 V to 680 V
Straight leads; see Outline of components
with straight leads drawing(1)
5...6
5...6
5...6
5...6
5...6
Straight leads with flange; see Outline of
components with flanged leads drawing
7...6
7...6
−−
Kinked leads; see Outline of components
with kinked leads drawing
6...6
6...6
6...6
6...6
6...6
Package quantities
250
250
250
200
50
DIMENSIONS in millimeters
F
d
D
A
T
L
A
T
L
For dimensions, see Component Dimensions and Catalog Numbers table.
Outline of component with straight leads.
L
1 min.
T
D
F
∅d
A0
Outline of component with kinked leads.
For dimensions, see Component Dimensions and Catalog Numbers table.
D
T
A0
F
L
∅d
Outline of component with flanged leads.
For dimensions, see Component Dimensions and Catalog Numbers table.
1.4 to 1.6
0.3
Outline of flanged leads.


Similar Part No. - 2322594

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322594-XXXX VISHAY-2322594-XXXX Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
More results

Similar Description - 2322594

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com