Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2322593 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2322593
Description  Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2322593 Datasheet(HTML) 3 Page - Vishay Siliconix

  2322593 Datasheet HTML 1Page - Vishay Siliconix 2322593 Datasheet HTML 2Page - Vishay Siliconix 2322593 Datasheet HTML 3Page - Vishay Siliconix 2322593 Datasheet HTML 4Page - Vishay Siliconix 2322593 Datasheet HTML 5Page - Vishay Siliconix 2322593 Datasheet HTML 6Page - Vishay Siliconix 2322593 Datasheet HTML 7Page - Vishay Siliconix 2322593 Datasheet HTML 8Page - Vishay Siliconix 2322593 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.vishay.com
For technical questions contact: nlr.europe@vishay.com
Document Number: 29081
28
Revision: 28-Apr-04
2322 59. .....
Vishay BCcomponents
Varistors
130
170
205
310
5.0
5.5
400
130
592 .1316(6)
340
10.0
17.0
1200
320
593 .1316(6)
340
25.0
30.0
2500
580
594 .1316(6)
340
50.0
56.0
4500
1050
595 .1316(6)
340
100.0
114.0
6500
2100
596 .1316
140
180
220
350
5.0
6.3
400
120
592 .1416(6)
370
10.0
21.0
1200
290
593 .1416(6)
370
25.0
33.0
2500
540
594 .1416(6)
370
50.0
57.0
4500
950
595 .1416(6)
360
100.0
124.0
6500
1900
596 .1416
150
200
240
395
5.0
7.1
400
110
592 .1516(6)
400
10.0
20.0
1200
270
593 .1516(6)
400
25.0
36.0
2500
490
594 .1516(6)
400
50.0
59.0
4500
850
595 .1516(6)
395
100.0
134.0
6500
1700
596 .1516
175
225
275
410
5.0
7.3
400
90
592 .1716(6)
455
10.0
23.0
1200
230
593 .1716(6)
455
25.0
41.0
2500
430
594 .1716(6)
455
50.0
67.0
4500
750
595 .1716(6)
455
100.0
158.0
6500
1500
596 .1716
230
300
360
560
5.0
10.0
400
70
592 .2316(6)
600
10.0
30.0
1200
170
593 .2316(6)
600
25.0
54.0
2500
320
594 .2316(6)
600
50.0
88.0
4500
540
595 .2316(6)
595
100.0
208.0
6500
1100
596 .2316
250
320
390
600
5.0
11.0
400
60
592 .2516(6)
650
10.0
33.0
1200
160
593 .2516(6)
650
25.0
58.0
2500
300
594 .2516(6)
650
50.0
96.0
4500
480
595 .2516(6)
650
100.0
240.0
6500
960
596 .2516
275
350
430
695
5.0
12.0
400
55
592 .2716(6)
710
10.0
36.0
1200
140
593 .2716(6)
710
25.0
63.0
2500
270
594 .2716(6)
710
50.0
104.0
4500
440
595 .2716(6)
710
100.0
264.0
6500
900
596 .2716
300
385
470
750
5.0
13.0
400
50
592 .3016(6)
800
10.0
40.0
1200
130
593 .3016(6)
800
25.0
71.0
2500
240
594 .3016(6)
800
50.0
117.0
4500
400
595 .3016(6)
775
100.0
280.0
6500
810
596 .3016
320
420
510
800
5.0
15.0
400
45
592 .3216(6)
850
10.0
44.0
1200
120
593 .3216(6)
850
25.0
77.0
2500
220
594 .3216(6)
850
50.0
120.0
4500
370
595 .3216(6)
842
100.0
296.0
6500
750
596 .3216
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE(3)at
1 mA
MAXIMUM
VOLTAGE at
STATED
CURRENT
MAXIMUM
ENERGY(4)
(10 ×
×
×
× 1000 µs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT(5)
Inrp (8 ××
×
× 20 µs)
TYPICAL
CAPACITANCE at
1 kHZ
CATALOG
NUMBERS(1)
RMS(2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
2322 ... .....


Similar Part No. - 2322593

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322594-XXXX VISHAY-2322594-XXXX Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
logo
List of Unclassifed Man...
2322595 ETC2-2322595 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
232259X-XXXX VISHAY-232259X-XXXX Datasheet
281Kb / 14P
   The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Revision: 10-Oct-03
More results

Similar Description - 2322593

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
   SMD Varistors
logo
Panasonic Semiconductor
EZJPZV6R8GANIL PANASONIC-EZJPZV6R8GANIL Datasheet
452Kb / 13P
   Multilayer Varistors
logo
TDK Electronics
VAR-18078077M3S-K TDK-VAR-18078077M3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18085053M3P-K TDK-VAR-18085053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
VAR-18086032Y3S-K TDK-VAR-18086032Y3S-K Datasheet
125Kb / 2P
   Ring Varistors
VAR-18024053M3P-K TDK-VAR-18024053M3P-K Datasheet
222Kb / 2P
   Ring Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com