Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61C6416-15T Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC61C6416-15T
Description  64K X 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C6416-15T Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC61C6416-15T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61C6416-15T Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
1+$+$"$
10
Integrated Circuit Solution Inc.
AHSR011-0A 05/23/2001
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
.ax: 886-3-5783000
BRANCH O..ICE:
7., NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
.AX: 886-2-26962252
http://www.icsi.com.tw
ORDERING IN.ORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
10
IC61C6416-10T
400mil TSOP-2
10
IC61C6416-10K
400mil SOJ
12
IC61C6416-12T
400mil TSOP-2
12
IC61C6416-12K
400mil SOJ
15
IC61C6416-15T
400mil TSOP-2
15
IC61C6416-15K
400mil SOJ
20
IC61C6416-20T
400mil TSOP-2
20
IC61C6416-20K
400mil SOJ
ORDERING IN.ORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
12
IC61C6416-12TI
400mil TSOP-2
12
IC61C6416-12KI
400mil SOJ
15
IC61C6416-15TI
400mil TSOP-2
15
IC61C6416-15KI
400mil SOJ
20
IC61C6416-20TI
400mil TSOP-2
20
IC61C6416-20KI
400mil SOJ


Similar Part No. - IC61C6416-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10J ICSI-IC61C256AH-10J Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10N ICSI-IC61C256AH-10N Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10T ICSI-IC61C256AH-10T Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10U ICSI-IC61C256AH-10U Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C6416-15T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com