Part Name
         Description
MSC23832D

 8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE ( 9 Page)


OKI
100% 
Zoom Out Zoom In
   
 5 page
background image
Semiconductor
MSC23832D
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to +7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to +7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *16
W
Operating Temperature
TOPR
0 to +70
°C
Storage Temperature
TSTG
-40 to +125
°C
* Ta = 25°C
Recommended Operating Conditions
( Ta = 0°C to +70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.4
-
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
-
0.8
V
Capacitance
( VCC = 5V ± 10%, Ta = 25°C, f = 1 MHz )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 - A10)
CIN1
-
109
pF
Input Capacitance (/WE)
CIN2
-
125
pF
Input Capacitance (/RAS0- /RAS3)
CIN3
-35
pF
Input Capacitance (/CAS0- /CAS3)
CIN4
-35
pF
I/O Capacitance (DQ0 - DQ31)
CDQ
-26
pF



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC2383257D8 388 608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MSC23837D-XXBS188 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23840D-XXBS208 388 608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23841D-XXBS208 388 608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC2383657D-XXBS208 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MSC23836C8 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23836D8 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23Q836D-XXBS188 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets
MSC23Q83657D-XXBS188 388 608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO 1 2 3 4 5 MoreOKI electronic componets
MSC23CV232D-XXBS42 097 152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl