Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

209CNQ Datasheet(PDF) 2 Page - International Rectifier

Part # 209CNQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

209CNQ Datasheet(HTML) 2 Page - International Rectifier

  209CNQ Datasheet HTML 1Page - International Rectifier 209CNQ Datasheet HTML 2Page - International Rectifier 209CNQ Datasheet HTML 3Page - International Rectifier 209CNQ Datasheet HTML 4Page - International Rectifier 209CNQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
209CNQ... Series
2
Bulletin PD-20722 rev. B 07/01
www.irf.com
V
FM
Max. Forward Voltage Drop
1.03
V
@ 100A
(Per Leg) * See Fig. 1
(1)
1.22
V
@ 200A
0.71
V
@ 100A
0.82
V
@ 200A
I
RM
Max. Reverse Leakage Current
3
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
45
mA
T
J = 125 °C
CT
Max. Junction Capacitance (Per Leg)
3000
pF
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
I
F(AV)
Max.AverageForward
(Per Leg)
100
A
50%dutycycle@T
C=118°C,rectangularwaveform
Current
* See Fig. 5
(PerDevice)
200
I
FSM
Max.PeakOneCycleNon-Repetitive
10,000
5µs Sineor3µsRect.pulse
SurgeCurrent (Per Leg) *SeeFig.7
1200
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
15
mJ
T
J = 25 °C, IAS = 1 Amps, L = 30 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
1
A
Currentdecaying linearly to zero in1µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
209CNQ135
209CNQ150
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
135
150
Voltage Ratings
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
209CNQ Units Conditions
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
Parameters
209CNQ Units Conditions
T
J
Max.JunctionTemperatureRange
-55to175
°C
T
stg
Max.StorageTemperatureRange
-55to175
°C
R
thJC Max.Thermal Resistance Junction
0.40
°C/W DCoperation
*SeeFig.4
to Case (Per Leg)
R
thJC Max.Thermal Resistance Junction
0.20
°C/W DCoperation
to Case(Per Package)
R
thCS Typical Thermal Resistance,Case
0.10
°C/W Mounting surface,smooth and greased
to Heatsink
wt
Approximate Weight
79(2.80)
g(oz.)
T
MountingTorque
Min.
24(20)
Max.
35(30)
Mounting Torque Center Hole
Typ.
13.5(12)
TerminalTorque
Min.
35(30)
Max.
46(40)
CaseStyle
TO-244AB
ModifiedJEDEC
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
209CNQ Units Conditions


Similar Part No. - 209CNQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
209CNQ135 SMC-209CNQ135 Datasheet
140Kb / 4P
   SCHOTTKY RECTIFIER
209CNQ135 SMC-209CNQ135 Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
logo
International Rectifier
209CNQ135PBF IRF-209CNQ135PBF Datasheet
135Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
209CNQ135PBF VISHAY-209CNQ135PBF Datasheet
117Kb / 6P
   Schottky Rectifier, 200 A
Revision: 28-Apr-08
More results

Similar Description - 209CNQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com