Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30A Datasheet(PDF) 1 Page - International Rectifier

Part # 30A
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30A Datasheet(HTML) 1 Page - International Rectifier

  30A Datasheet HTML 1Page - International Rectifier 30A Datasheet HTML 2Page - International Rectifier 30A Datasheet HTML 3Page - International Rectifier 30A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
30A, 100V
22GQ100
Major Ratings and Characteristics
Description/Features
02/22/02
CASE STYLE
www.irf.com
1
Characteristics
22GQ100
Units
IIF(AV) Rectangular
30
A
waveform
VRRM
100
V
IFSM @ tp = 8.3ms half-sine
400
A
VF @ 30Apk, TJ =125°C
0.90
V
TJ, Tstg Operating and storage -55 to 150
°C
1
2
3
HIGH EFFICIENCY SERIES
IR Case Style TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
12
3
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
NOT ES :
1. DIMENS IONING & T OLE RANCING PER AS ME Y14.5M-1994.
2. AL L DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
3. CONT ROL LING DIMENS ION: INCH.
4. CONF ORMS T O JEDE C OUT LINE T O-254AA.
PD -20353D
(ISOLATEDBASE)
CATHODE
ANODE
The 22GQ100 Schottky rectifier has been expressly
designed to meet the rigorous requirements of hi-rel
environments. It is packaged in the hermetic isolated
TO-254AA package. The device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters.
Full MIL-PRF-19500 quality conformance
testing is available on source controlled drawings to TX,
TXV and S levels.
• Hermetically Sealed
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Schottky Diodes Connected in Series
• Electrically Isolated


Similar Part No. - 30A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Sanyo Semicon Device
30A01C SANYO-30A01C Datasheet
36Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01S SANYO-30A01S Datasheet
57Kb / 3P
   30A01S
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A02CH SANYO-30A02CH Datasheet
52Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 30A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com