Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20ETS16 Datasheet(PDF) 2 Page - International Rectifier

Part # 20ETS16
Description  INPUT RECTIFIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETS16 Datasheet(HTML) 2 Page - International Rectifier

  20ETS16 Datasheet HTML 1Page - International Rectifier 20ETS16 Datasheet HTML 2Page - International Rectifier 20ETS16 Datasheet HTML 3Page - International Rectifier 20ETS16 Datasheet HTML 4Page - International Rectifier 20ETS16 Datasheet HTML 5Page - International Rectifier 20ETS16 Datasheet HTML 6Page - International Rectifier 20ETS16 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
20ETS16, 20ETS16S SAFE
IR Series
Bulletin I2161 10/01
2
Voltage Ratings
Part Number
V
RRM, maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
20ETS16, 20ETS16S
1600
1700
1
T
J
Max. Junction Temperature Range
- 40 to 150
°C
T
stg
Max. Storage Temperature Range
- 40 to 150
°C
R
thJC Max. Thermal Resistance Junction
1.3
°C/W
DCoperation
to Case
R
thJA Max. Thermal Resistance Junction
62
°C/W
(*) For D2Pak version
toAmbient
R
thCS Typ. Thermal Resistance Case
0.5
°C/W
Mountingsurface,smoothandgreased
to Heatsink
wt
Approximate Weight
2 (0.07)
g(oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
CaseStyle
TO-220AC, D2Pak (SMD-220)
Thermal-Mechanical Specifications
Parameters
20ETS..
Units
Conditions
Kg-cm
(Ibf-in)
I
F(AV) Max. Average Forward Current
20
A
@ T
C = 105° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
250
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
300
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
316
10ms Sine pulse, rated V
RRMapplied
442
10msSinepulse,novoltagereapplied
I2
√t Max. I2√t for fusing
4420
A2
√s
t = 0.1 to 10ms, no voltage reapplied
Absolute Maximum Ratings
Parameters
20ETS..
Units
Conditions
A
A2s
Electrical Specifications
V
FM
Max. Forward Voltage Drop
1.1
V
@ 20A, T
J = 25°C
r
t
Forward slope resistance
10.4
m
VF(TO) Threshold voltage
0.85
V
I
RM
Max. Reverse Leakage Current
0.1
T
J =
25 °C
1.0
TJ = 150 °C
Parameters
20ETS..
Units
Conditions
T
J =
150°C
V
R = rated VRRM
mA
* When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note # AN-994


Similar Part No. - 20ETS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS16 IRF-20ETS16 Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS16 ISC-20ETS16 Datasheet
238Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
20ETS16FP IRF-20ETS16FP Datasheet
256Kb / 6P
   SURFACE MOUNTABLE INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
20ETS16FP ISC-20ETS16FP Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
Vishay Siliconix
20ETS16PBF VISHAY-20ETS16PBF Datasheet
167Kb / 6P
   Input Rectifier Diode, 20 A
Revision: 02-Nov-10
More results

Similar Description - 20ETS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com