Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40121DCB Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL40121DCB
Description  Low Power,Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40121DCB Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL40121DCB Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40121DCB Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ZL40121
Data Sheet
4
Zarlink Semiconductor Inc.
Absolute Maximum Ratings
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed
specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 20Ωin series with 100pF.
Note 3: 0.8kV between the pairs of +INA, -INA and +INB pins only. 2kV between supply pins, OUTA or OUTB pins and any input pin.
Note 4: ±100mA applied to input and output pins to force the device to go into "latch-up". The device passes this test to JEDEC spec
17.
Note 5: Positive and Negative supply transient testing increases the supplies by 20% for 100ms.
Operating Range
Parameter
Symbol
Min
Max
Units
1
Vin Differential
VIN
±1.2
V
2
Output Short Circuit Protection
VOS/C
See Apps
Note in this
data sheet
3
Supply voltage
V+, V-
±6.5
V
4
Voltage at Input Pins
V(+IN), V(-IN)
V-
V+
V
5
Voltage at Output Pins
VO
V-
V+
V
6
EDS Protection
(HBM Human Body Model)
(see Note 2)
2
(see Note 3)
kV
7
Storage Temperature
-55
+150
°C
8
Latch-up test
±100mA
for 100ms
(see Note 4)
9
Supply transient test
20% pulse
for 100ms
(see Note 5)
Characteristic
Min
Typ
Max
Units
Comments
Supply Voltage (Vcc)
±4.0
±6.0
V
Operating Temperature (Ambient)
-40
+85
°C
Junction to Ambient resistance
Rth(j-a)
150
°C
4 layer
FR4 board
Junction to Case resistance
Rth(j-c)
60
°C
4 layer
FR4 board


Similar Part No. - ZL40121DCB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120/DCA ZARLINK-ZL40120/DCA Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120/DCB ZARLINK-ZL40120/DCB Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120DCA ZARLINK-ZL40120DCA Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120DCB ZARLINK-ZL40120DCB Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results

Similar Description - ZL40121DCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2683 TI-OPA2683 Datasheet
907Kb / 33P
[Old version datasheet]   Very Low-Power, Dual, Current-Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com