Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40121 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL40121
Description  Low Power,Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40121 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL40121 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40121 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ZL40121
5
Zarlink Semiconductor Inc.
Electrical Characteristics - Vcc=±5V, Tamb=25C(typ.),Tamb=-40C to +85C(min-max), Av=+2V/V,
Rf=510
Ω, Rload=100Ω unless specified
Characteristic
Conditions
Typ
25C
Min/
Max
25C
Min
/Max
–40 to
+85C
Units
Test
Type1
Frequency Domain Response
-3dB Bandwidth
Av=+1; Vo < 0.5Vp-p;
Rf=1.5k
280
-
-
MHz
C
Av=+2; Vo < 0.5Vp-p;
Rf=510
230
-
-
MHz
C
Av=+2; Vo < 5Vp-p;
Rf=510
130
-
-
MHz
C
+/- 0.1dB Flatness
Av=+2; Vo < 0.5Vp-p;
Rf=510
60
-
-
MHz
C
Differential Gain (NTSC)
Rload=150
0.02
-
-
%
C
Differential Phase (NTSC)
Rload=150
0.06
-
-
deg.
C
Time Domain Response
Rise and Fall Time
Vout=0.5V Step
1.4
-
-
ns
C
Vout=5V Step
3.6
-
-
ns
C
Settling Time to 0.1%
Vout=2V Step
6-
-
ns
C
Overshoot
Vout=0.5V Step
6-
-
%
C
Slew Rate
Vout=5V Step
1100
-
-
V/
µsC
Noise and Distortion
2nd Harmonic Distortion
Vout=2Vp-p, 1MHz
-78
-
-
dBc
C
3nd Harmonic Distortion
Vout=2Vp-p, 1MHz
-88
-
-
dBc
C
Equivalent Input Noise
Voltage
>1MHz
6.4
-
-
nV
C
Non-Inverting Current
>1MHz
1.0
-
-
pV
C
Inverting Current
>1MHz
9.3
-
-
pA
C
Static, DC Performance
Input Offset Voltage
1.4
± 6.0
± 7.5
mV
A
Average Drift
--
15
uV/deg. C
C
Input Bias Current – Non-inverting
1.3
±2.6
±2.8
uA
A
Average Drift
--
2.6
nA/deg. C
C
Hz
Hz
Hz


Similar Part No. - ZL40121

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120/DCA ZARLINK-ZL40120/DCA Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120/DCB ZARLINK-ZL40120/DCB Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120DCA ZARLINK-ZL40120DCA Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
ZL40120DCB ZARLINK-ZL40120DCB Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results

Similar Description - ZL40121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2683 TI-OPA2683 Datasheet
907Kb / 33P
[Old version datasheet]   Very Low-Power, Dual, Current-Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com