Electronic Components Datasheet Search |
|
A25L40PMF-50U Datasheet(PDF) 7 Page - AMIC Technology |
|
A25L40PMF-50U Datasheet(HTML) 7 Page - AMIC Technology |
7 / 34 page A25L80P PRELIMINARY (May 2005, Version 0.0) 6 AMIC Technology Corp. Table 1. Protected Area Sizes Status Register Content Memory Content BP2 Bit BP1 Bit BP0 Bit Protected Area Unprotected Area 0 0 0 none All sectors 1 (sixteen sectors: 0 to 15) 0 0 1 Upper sixteenth (sector 15) Lower fifteen-eighths (fifteen sectors: 0 to 14) 0 1 0 Upper eighth (two sectors: 14 and 15) Lower seven-eights (fourteen sectors: 0 to 13) 0 1 1 Upper quarter (four sectors: 12 to 15) Lower three-quarters (twelve sectors: 0 to 11) 1 0 0 Upper half (eight sectors: 8 to 15) Lower half (eight sectors: 0 to 7) 1 0 1 All sectors (eight sectors: 0 to 15) none 1 1 0 All sectors (eight sectors: 0 to 15) none 1 1 1 All sectors (eight sectors: 0 to 15) none Note: 1. The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0. Hold Condition The Hold ( HOLD ) signal is used to pause any serial communications with the device without resetting the clocking sequence. However, taking this signal Low does not terminate any Write Status Register, Program or Erase cycle that is currently in progress. To enter the Hold condition, the device must be selected, with Chip Select ( S ) Low. The Hold condition starts on the falling edge of the Hold ( HOLD ) signal, provided that this coincides with Serial Clock (C) being Low (as shown in Figure 3.). The Hold condition ends on the rising edge of the Hold ( HOLD ) signal, provided that this coincides with Serial Clock (C) being Low. If the falling edge does not coincide with Serial Clock (C) being Low, the Hold condition starts after Serial Clock (C) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock (C) being Low, the Hold condition ends after Serial Clock (C) next goes Low. This is shown in Figure 3. During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data Input (D) and Serial Clock (C) are Don’t Care. Normally, the device is kept selected, with Chip Select ( S ) driven Low, for the whole duration of the Hold condition. This is to ensure that the state of the internal logic remains unchanged from the moment of entering the Hold condition. If Chip Select ( S ) goes High while the device is in the Hold condition, this has the effect of resetting the internal logic of the device. To restart communication with the device, it is necessary to drive Hold ( HOLD ) High, and then to drive Chip Select ( S ) Low. This prevents the device from going back to the Hold condition. Figure 3. Hold Condition Activation Hold Condition (standard use) HOLD C Hold Condition (non-standard use) |
Similar Part No. - A25L40PMF-50U |
|
Similar Description - A25L40PMF-50U |