Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4267 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4267
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4267 Datasheet HTML 4Page - Linear Technology LTC4267 Datasheet HTML 5Page - Linear Technology LTC4267 Datasheet HTML 6Page - Linear Technology LTC4267 Datasheet HTML 7Page - Linear Technology LTC4267 Datasheet HTML 8Page - Linear Technology LTC4267 Datasheet HTML 9Page - Linear Technology LTC4267 Datasheet HTML 10Page - Linear Technology LTC4267 Datasheet HTML 11Page - Linear Technology LTC4267 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4267
8
4267f
ITH/RUN (Pin 2/Pin 1): Current Threshold/Run Input. This
pin performs two functions. It serves as the switching
regulator error amplifier compensation point as well as
the run/shutdown control input. Nominal voltage range is
0.7V to 1.9V. Forcing the pin below 0.28V with respect to
PGND causes the controller to shut down.
PGND (Pin 1, 8, 9, 16/Pin 2, 15): Switching Regulator
Negative Supply. This pin is the negative supply rail for the
switching regulator controller and must be tied to POUT.
NGATE (Pin 3/Pin 3): Gate Driver Output. This pin drives
the regulator’s external N-Channel MOSFET and swings
from PGND to PVCC.
PVCC (Pin 4/Pin 4): Switching Regulator Positive Supply.
This pin is the positive supply rail for the switching regula-
tor and must be closely decoupled to PGND.
RCLASS(Pin5/Pin5):ClassSelectInput.Usedtosetthecur-
rent value the PD maintains during classification. Connect
a resistor between RCLASS and VPORTN (see Table 2).
VPORTN (Pin 7/Pin 7): Negative Power Input. Tie to the
–48V input port through the input diodes.
POUT (Pin 10/Pin 10): Power Output. Supplies –48V to
the switching regulator PGND pin and any additional PD
loads through an internal power MOSFET that limits input
current. POUT is high impedance until the voltage reaches
the turn-on UVLO threshold. The output is then current
limited. See the Application Information section.
⎯P⎯W⎯R⎯G⎯D (Pin 11/Pin 11):Power Good Output, Open-Drain.
Indicates that the PD MOSFET is on and the switching
regulator can start operation. Low impedance indicates
power is good. ⎯P⎯W⎯R⎯G⎯D is high impedance during detec-
tion, classification and in the event of a thermal overload.
⎯P⎯W⎯R⎯G⎯D is referenced to VPORTN.
SIGDISA (Pin 12/Pin 12):Signature Disable Input. SIGDISA
allows the PD to present an invalid signature resistance
and remain inactive. Connecting SIGDISA to VPORTP lowers
the signature resistance to an invalid value and disables
all functions of the LTC4267. If unused, tie SIGDISA to
VPORTN.
VPORTP (Pin 13/Pin 13): Positive Power Input. Tie to the
input port power return through the input diodes.
SENSE (Pin 14/Pin 14): Current Sense. This pin performs
two functions. It monitors the regulator switch current by
reading the voltage across an external sense resistor. It also
injects a current ramp that develops a slope compensation
voltage across an optional external programming resistor.
See the Applications Information section.
VFB (Pin 15/Pin 16): Feedback Input. Receives the feed-
back voltage from the external resistor divider across the
output.
NC (Pin 6/Pin 6, 8, 9): No Internal Connection.
Backside Connection (DHC Only, Pin 17): Exposed Pad.
This exposed pad must be soldered to an electrically isolated
and thermally conductive PC board heat sink.
(GN/DHC)
PI FU CTIO S


Similar Part No. - LTC4267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Analog Devices
LTC4267 AD-LTC4267 Datasheet
3Mb / 50P
   48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
logo
Analog Devices
LTC4267 AD-LTC4267 Datasheet
3Mb / 44P
   12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
More results

Similar Description - LTC4267

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com