Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA8622AP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AA8622AP
Description  Dual Video Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AA8622AP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AA8622AP Datasheet HTML 1Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 2Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 3Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 4Page - List of Unclassifed Manufacturers AA8622AP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2005/7/5
4
Agamem Electronics Inc.
AA8622AP
PRELIMINARY
Dual Video Amplifier
MEASUREMENT CIRCUIT
Tp1
Tp3
Tp5
Tp2
Tp6
Tp4
Vin1
Gnd
Vout1
Vout3
Vin2
Vcc
Vout2
Vout4
75Ω
4.7uF
22uF
100uF
75Ω
75Ω
400Ω
0.6V
4.7uF
22uF
100uF
75Ω
400Ω
0.6V
75Ω
75Ω
100uF
1000pF
H
(6dB)
S1
S3
S5
1
2
3
4
Vin1
Gnd
Vsag1
Vout1
Vin2
Vcc
Vsag2
Vout2
H
S6
S4
S2
(6dB)
TEST METHODES
S1
S2
S3
S4
S5
S6
Supply Current
lcc
H
H
7PIN Sink Current
Voltage Gain
Gv
H
H
ON
ON
Vout1 / Vin. Vout2 / Vin2 at Vin1(Vin2)=1MHz, 1Vpp,
Sinewave
Frequency Characteristic
Gf
H
H
ON
ON
Gv1M Voltage Gain at Vin1(Vin2)=1MHz, 1Vpp
Gv10M Voltage Gain at Vin1(Vin2)=7MHz, 1Vpp
Gf=Gv10M-Gv1M
Differential Gain
DG
H
H
ON
ON
Measuring Vout3 at Vin1=Staircase Signal
Differential Phase
DP
H
H
ON
ON
Measuring Vout3 at Vin1=Staircase Signal
Crosstalk
CT
H
L
ON
ON
Vout2 / Vout1 at Vin1=4.43MHz 1Vpp Sinewave
Vout1 / Vin2 at Vin2=4.43MHz 1Vpp Sinewave
Gain Oftest
Gch
H
H
ON
ON
Gv1=Vout1 / Vin1, Gv2=Vout2/Vin2 Gch=Gv1-Gv2
Input Clamp Voltage
Vcl
H
H
Measuring at TP1 (TP2)
SAG Terminal Gain
Gsag
H
H
TP3(TP4) Voltage; V01A(V02A), TP5(TP6) voltage.
Vso1A(Vso2A)
HH
ON
ON
TP3(TP4) Voltage; V01A(V02A), TP5(TP6) voltage.
Vso1B(Vso2B)
Gsag=20log[(V01B-V01A) / (Vso1A-Vso1B)]
Gsag=20log[(V02B-V02A) / (Vso2A-Vso2B)]
SWITCH CONDITIONS
PARAMETER
SYMBOL
CONDITIONS


Similar Part No. - AA8622AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
   Dual Video Amplifier
More results

Similar Description - AA8622AP

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8622 AGAMEM-AA8622 Datasheet
47Kb / 1P
   Dual Video Amplifier
AA8632 AGAMEM-AA8632 Datasheet
185Kb / 8P
   Dual Video Amplifier
AA8622AP AGAMEM-AA8622AP Datasheet
218Kb / 5P
   Dual Video Amplifier
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
V2267 UTC-V2267 Datasheet
231Kb / 9P
   DUAL VIDEO 6dB AMPLIFIER
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
Renesas Technology Corp
HA5023 RENESAS-HA5023 Datasheet
806Kb / 17P
   Dual 125MHz Video CurrentFeedback Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com