Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CTQ050S Datasheet(PDF) 4 Page - International Rectifier

Part # 30CTQ050S
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTQ050S Datasheet(HTML) 4 Page - International Rectifier

  30CTQ050S Datasheet HTML 1Page - International Rectifier 30CTQ050S Datasheet HTML 2Page - International Rectifier 30CTQ050S Datasheet HTML 3Page - International Rectifier 30CTQ050S Datasheet HTML 4Page - International Rectifier 30CTQ050S Datasheet HTML 5Page - International Rectifier 30CTQ050S Datasheet HTML 6Page - International Rectifier 30CTQ050S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
30CTQ..., 30CTQ...S, 30CTQ...-1
4
PD-2.300 rev. B 04/99
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
FREE-WHEEL
DIODE
40HFL40S02
CURRENT
MONITOR
HIGH-SPEED
SWITCH
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 Volt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x R thJC ;
Pd = Forward Power Loss = I
F(AV)
x V
FM
@ (I
F(AV)
/ D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 10 V
Fig.7-Max. Non-Repetitive Surge Current (PerLeg)
Fig.5-Max. Allowable CaseTemperature
Vs. Average Forward Current (PerLeg)
Fig.6-Forward Power Loss Characteristics
(PerLeg)
60
70
80
90
100
110
120
130
140
150
160
0
5
10
15
20
25
DC
F(AV)
see note (2)
Square wave (D = 0.50)
80% Rated V
applied
Average Forward Current - I
(A)
R
0
2
4
6
8
10
12
14
0
5
10
15
20
25
DC
F(AV)
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
Average Forward Current - I
(A)
100
1000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)


Similar Part No. - 30CTQ050S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTQ050S IRF-30CTQ050S Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CTQ050S VISHAY-30CTQ050S Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
30CTQ050S ISC-30CTQ050S Datasheet
322Kb / 2P
   Schottky Rectifier
logo
International Rectifier
30CTQ050SPBF IRF-30CTQ050SPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
30CTQ050SPBF VISHAY-30CTQ050SPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
More results

Similar Description - 30CTQ050S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com