Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L16PMF-50F Datasheet(PDF) 11 Page - AMIC Technology

Part # A25L16PMF-50F
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L16PMF-50F Datasheet(HTML) 11 Page - AMIC Technology

Back Button A25L16PMF-50F Datasheet HTML 7Page - AMIC Technology A25L16PMF-50F Datasheet HTML 8Page - AMIC Technology A25L16PMF-50F Datasheet HTML 9Page - AMIC Technology A25L16PMF-50F Datasheet HTML 10Page - AMIC Technology A25L16PMF-50F Datasheet HTML 11Page - AMIC Technology A25L16PMF-50F Datasheet HTML 12Page - AMIC Technology A25L16PMF-50F Datasheet HTML 13Page - AMIC Technology A25L16PMF-50F Datasheet HTML 14Page - AMIC Technology A25L16PMF-50F Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
10
AMIC Technology Corp.
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the Status
Register to be read. The Status Register may be read at any
time, even while a Program, Erase or Write Status Register
cycle is in progress. When one of these cycles is in progress, it
is recommended to check the Write In Progress (WIP) bit
before sending a new instruction to the device. It is also
possible to read the Status Register continuously, as shown in
Figure 6.
Table 4. Status Register Format
SRWD
0
0
BP2
BP1
BP0 WEL WIP
Status Register
Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
b0
b7
The status and control bits of the Status Register are as
follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether the
memory is busy with a Write Status Register, Program or Erase
cycle. When set to 1, such a cycle is in progress, when reset to
0 no such cycle is in progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the status
of the internal Write Enable Latch. When set to 1 the internal
Write Enable Latch is set, when set to 0 the internal Write
Enable Latch is reset and no Write Status Register, Program or
Erase instruction is accepted.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits
are non-volatile. They define the size of the area to be software
protected against Program and Erase instructions. These bits
are written with the Write Status Register (WRSR) instruction.
When one or both of the Block Protect (BP2, BP1, BP0) bits is
set to 1, the relevant memory area (as defined in Table 1.)
becomes protected against Page Program (PP) and Sector
Erase (SE) instructions. The Block Protect (BP2, BP1, BP0)
bits can be written provided that the Hardware Protected mode
has not been set. The Bulk Erase (BE) instruction is executed if,
and only if, both Block Protect (BP2, BP1, BP0) bits are 0.
SRWD bit.
The Status Register Write Disable (SRWD) bit is
operated in conjunction with the Write Protect (
W ) signal. The
Status Register Write Disable (SRWD) bit and Write Protect
(
W ) signal allow the device to be put in the Hardware
Protected mode (when the Status Register Write Disable
(SRWD) bit is set to 1, and Write Protect (
W ) is driven Low).
In this mode, the non-volatile bits of the Status Register
(SRWD, BP2, BP1, BP0) become read-only bits and the Write
Status Register (WRSR) instruction is no longer accepted for
execution.
Figure 6. Read Status Register (RDSR) Instruction Sequence and Data-Out Sequence
0
1
2
3
4
5
6
7
810
911 12 13 14 15
MSB
MSB
Status Register Out
Status Register Out
High Impedance
Instruction
01 2 3 4 5 6 7
0
1
2
3
4
5
6
77
S
C
D
Q


Similar Part No. - A25L16PMF-50F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L16P AMICC-A25L16P Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PTM-F AMICC-A25L16PTM-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PTM-UF AMICC-A25L16PTM-UF Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PTN-F AMICC-A25L16PTN-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16PTN-UF AMICC-A25L16PTN-UF Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results

Similar Description - A25L16PMF-50F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com