Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L80PMW-50F Datasheet(PDF) 8 Page - AMIC Technology

Part # A25L80PMW-50F
Description  8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L80PMW-50F Datasheet(HTML) 8 Page - AMIC Technology

Back Button A25L80PMW-50F Datasheet HTML 4Page - AMIC Technology A25L80PMW-50F Datasheet HTML 5Page - AMIC Technology A25L80PMW-50F Datasheet HTML 6Page - AMIC Technology A25L80PMW-50F Datasheet HTML 7Page - AMIC Technology A25L80PMW-50F Datasheet HTML 8Page - AMIC Technology A25L80PMW-50F Datasheet HTML 9Page - AMIC Technology A25L80PMW-50F Datasheet HTML 10Page - AMIC Technology A25L80PMW-50F Datasheet HTML 11Page - AMIC Technology A25L80PMW-50F Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
A25L80P
PRELIMINARY
(May 2005, Version 0.0)
7
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
1,048,576 bytes (8 bits each)
16 sectors (one (4/4/8/16/32) Kbytes & 64x15 Kbytes each)
4096 pages (256 bytes each).
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector or Bulk
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
Sector
Sector Size (Kbytes)
Address Range
15
64
F0000h
FFFFFh
14
64
E0000h
EFFFFh
13
64
D0000h
DFFFFh
12
64
C0000h
CFFFFh
11
64
B0000h
BFFFFh
10
64
A0000h
AFFFFh
9
64
90000h
9FFFFh
8
64
80000h
8FFFFh
7
64
70000h
7FFFFh
6
64
60000h
6FFFFh
5
64
50000h
5FFFFh
4
64
40000h
4FFFFh
3
64
30000h
3FFFFh
2
64
20000h
2FFFFh
1
64
10000h
1FFFFh
0-4
32
08000h
0FFFFh
0-3
16
04000h
07FFFh
0-2
8
02000h
03FFFh
0-1
4
01000h
01FFFh
0-0
4
00000h
00FFFh


Similar Part No. - A25L80PMW-50F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L010 AMICC-A25L010 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-F AMICC-A25L010-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-M AMICC-A25L010-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MF AMICC-A25L010-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L010-MU AMICC-A25L010-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L80PMW-50F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com