Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCLD1117A Datasheet(PDF) 6 Page - Unisonic Technologies

Part No. UTCLD1117A
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

 6 page
background image
UTCLD1117/A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R102-006,H
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Dropout Voltage
Vd
Io=100mA
Io=500mA
Io=800mA
Io=1000mA
1.00
1.05
1.10
1.15
1.10
1.15
1.20
1.25
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
UTC LD1117/A-3.3 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125
°C, Co=10µF unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Vin=5.3V, Io=10mA, Tj=25
°C
±
1%
±2
%
3.267
3.235
3.300
3.300
3.333
3.365
V
V
Output Voltage
Vo
Io=0 to 800/1000mA,
±2
%
Vin=4.75 to 10V
±4
%
3.235
3.160
3.365
3.440
V
V
Line Regulation
∆Vo
Vin=4.75 to 15V, Io=0mA
1
6
mV
Load Regulation
∆Vo
Vin=4.75V, Io=0 to 800/1000mA
1
10
mV
Temperature stability
∆Vo
0.5
%
Long Term Stability
∆Vo
1000 hrs, Tj=125
°C
0.3
%
Operating Input Voltage
Vin
Io=100mA
15
V
Quiescent Current
Id
Vin
≤15V
5
10
mA
Output Current
Io
Vin=8.3V, Tj=25
°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, Tj=25
°C
100
µV
Supply Voltage
Rejection
SVR
Io=40mA, f=120Hz, Tj=25
°C, Vin=6.3V,
Vripple=1Vpp
60
75
DB
Dropout Voltage
Vd
Io=100mA
Io=500mA
Io=800mA
Io=1000mA
1.00
1.05
1.10
1.15
1.10
1.15
1.20
1.25
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
UTC LD1117/A-5.0 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125
°C, Co=10µF unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Vin=7V, Io=10mA, Tj=25
°C
±
1%
±2
%
4.95
4.90
5.00
5.00
5.05
5.10
V
V
Output Voltage
Vo
Io=0 to 800/1000mA,
±2
%
Vin=6.5 to 15V
±4
%
4.90
4.80
5.10
5.20
V
V
Line Regulation
∆Vo
Vin=6.5 to 15V, Io=0mA
1
10
mV
Load Regulation
∆Vo
Vin=6.5V, Io=0 to 800/1000mA
1
15
mV
Temperature stability
∆Vo
0.5
%
Long Term Stability
∆Vo
1000 hrs, Tj=125
°C
0.3
%
Operating Input Voltage
Vin
Io=100mA
15
V
Quiescent Current
Id
Vin
≤15V
5
10
mA
Output Current
Io
Vin=10V, Tj=25
°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, Tj=25
°C
100
µV
Supply Voltage
Rejection
SVR
Io=40mA, f=120Hz, Tj=25
°C, Vin=8V,
Vripple=1Vpp
60
75
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
YD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreWuxi Youda electronics Co.,LTD
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10853A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10861.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LR1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreLeshan Radio Company
KD10837.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
KD10845A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
RT91641A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl