Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCLD1117A Datasheet(PDF) 5 Page - Unisonic Technologies

Part No. UTCLD1117A
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

 
 5 page
background image
UTCLD1117/A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R102-006,H
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Noise Voltage
eN
B=10Hz to 10KHz, Tj=25
°C
100
µV
Supply Voltage
Rejection
SVR
Io=40mA, f=120Hz, Tj=25
°C, Vin=5.5V,
Vripple=1Vpp
60
75
dB
Dropout Voltage
Vd
Io=100mA
Io=500mA
Io=800mA
Io=1000mA
1.00
1.05
1.10
1.15
1.10
1.15
1.20
1.25
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
UTC LD1117/A-2.85 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125
°C, Co=10µF unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Vin=4.85V, Io=10mA, Tj=25
°C
2.82
2.85
2.88
V
Output Voltage
Vo
Io=0 to 800/1000mA,Vin=4.25 to 10V
2.79
2.91
V
Line Regulation
∆Vo
Vin=4.25 to 10V, Io=0mA
1
6
mV
Load Regulation
∆Vo
Vin=4.25V, Io=0 to 800/1000mA
1
10
mV
Temperature stability
∆Vo
0.5
%
Long Term Stability
∆Vo
1000 hrs, Tj=125
°C
0.3
%
Operating Input Voltage
Vin
Io=100mA
15
V
Quiescent Current
Id
Vin
≤10V
5
10
mA
Output Current
Io
Vin=7.85V, Tj=25
°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, Tj=25
°C
100
µV
Supply Voltage
Rejection
SVR
Io=40mA, f=120Hz, Tj=25
°C, Vin=5.85V,
Vripple=1Vpp
60
75
DB
Dropout Voltage
Vd
Io=100mA
Io=500mA
Io=800mA
Io=1000mA
1.00
1.05
1.10
1.15
1.10
1.15
1.20
1.25
V
V
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
UTC LD1117/A-3.0 ELECTRICAL CHARACTERISTICS
(refer to the test circuits, Tj=0 to 125
°C, Co=10µF unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Vin=5V, Io=10mA, Tj=25
°C
±
1%
±2
%
2.97
2.94
3.00
3.00
3.03
3.06
V
V
Output Voltage
Vo
Io=0 to 800/1000mA,
±2
%
Vin=4.5 to 10V
±4
%
2.94
2.88
3.06
3.12
V
V
Line Regulation
∆Vo
Vin=4.5 to 12V, Io=0mA
1
6
mV
Load Regulation
∆Vo
Vin=4.5V, Io=0 to 800/1000mA
1
10
mV
Temperature stability
∆Vo
0.5
%
Long Term Stability
∆Vo
1000 hrs, Tj=125
°C
0.3
%
Operating Input Voltage
Vin
Io=100mA
15
V
Quiescent Current
Id
Vin
≤12V
5
10
mA
Output Current
Io
Vin=8V, Tj=25
°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz to 10KHz, Tj=25
°C
100
µV
Supply Voltage
Rejection
SVR
Io=40mA, f=120Hz, Tj=25
°C, Vin=6V,
Vripple=1Vpp
60
75
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
YD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreWuxi Youda electronics Co.,LTD
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10853A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10861.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LR1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreLeshan Radio Company
KD10837.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
KD10845A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
RT91641A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl