Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UTCLD1117A Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. UTCLD1117A
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

 
 2 page
background image
UTCLD1117/A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R102-006,H
MARKING INFORMATION
PACKAGE
VOLTAGE
CODE
PIN CODE PIN 1
PIN 2
PIN 3
MARKING
A
GND
OUT
IN
B
OUT
GND
IN
C
GND
IN
OUT
SOT-223
D
IN
GND
OUT
12
3
LD1117
VOLTAGE
CODE
DATE
CODE
PIN CODE
CURRENT
CODE
A
GND
OUT
IN
B
OUT
GND
IN
C
GND
IN
OUT
TO-220
TO-252
TO-263
TO-263-3
18:1.8V
25:2.5V
28:2.85V
30:3.0V
33:3.3V
50:5.0V
AD: A DJ
D
IN
GND
OUT
12
3
UTC
LD1117
VOLTAGE
CODE
DATE
CODE
PIN CODE
CURRENT
CODE
Note: The current code “A” means output current up to 1.0A, while without “A” means output current up to 0.8A.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
YD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreWuxi Youda electronics Co.,LTD
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10853A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD10861.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LR1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreLeshan Radio Company
KD10837.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
KD10845A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1 2 3 4 5 MoreSTMicroelectronics
RT91641A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl