Electronic Components Datasheet Search |
|
TEA5768HL Datasheet(PDF) 8 Page - NXP Semiconductors |
|
TEA5768HL Datasheet(HTML) 8 Page - NXP Semiconductors |
8 / 36 page 2004 Sep 13 8 Philips Semiconductors Product specification Low-power FM stereo radio for handheld applications TEA5768HL 7.7 IF filter Fully integrated IF filter. 7.8 FM demodulator The FM quadrature demodulator has an integrated resonator to perform the phase shift of the IF signal. 7.9 Level voltage generator and analog-to-digital converter The FM IF analog level voltage is converted to 4 bits digital data and output via the I2C-bus. 7.10 IF counter The IF counter outputs a 7-bit count result via the I2C-bus. 7.11 Soft mute The low-pass filtered level voltage drives the soft mute attenuator at low RF input levels. The soft mute function can be switched off via the I2C-bus. 7.12 MPX decoder The PLL stereo decoder is adjustment-free. The stereo decoder can be switched to mono via the I2C-bus. 7.13 Signal dependent mono to stereo blend With a decreasing RF input level the MPX decoder blends from stereo to mono to limit the output noise. The continuous mono to stereo blend can also be programmed via the I2C-bus to an RF level depending switched mono to stereo transition. Stereo Noise Cancelling (SNC) can be switched off via the I2C-bus. 7.14 Signal dependent AF response The audio bandwidth will be reduced with a decreasing RF input level. This function can be switched off via the I2C-bus. 7.15 Software programmable ports Two software programmable ports (open-collector) can be addressed via the I2C-bus. The port 1 (pin SWPORT1) function can be changed with write data byte 4 bit 0 (see Table 13). Pin SWPORT1 is then output for the ready flag of read byte 1. 8I2C-BUS AND BUS-CONTROLLED FUNCTIONS 8.1 I2C-bus specification Information about the I2C-bus can be found in the brochure “The I2C-bus and how to use it” (order number 9398 393 40011). The standard I2C-bus specification is expanded by the following definitions. IC address C0: 1100000. Structure of the I2C-bus logic: slave transceiver. Subaddresses are not used. The maximum LOW-level input and the minimum HIGH-level input are specified to 0.2VCCD and 0.45VCCD respectively. The pin BUSMODE must be connected to ground. Before any READ or WRITE operation the pin BUSENABLE has to be HIGH for at least 10 µs. Note: The bus operates at a maximum clock frequency of 400 kHz. It is not allowed to connect the IC to a bus operating at a higher clock rate. 8.1.1 DATA TRANSFER Data sequence: address, byte 1, byte 2, byte 3, byte 4 and byte 5 (the data transfer has to be in this order). The LSB = 0 of the address indicates a WRITE operation to the TEA5768HL. Bit 7 of each byte is considered as the MSB and has to be transferred as the first bit of the byte. The data becomes valid bitwise at the appropriate falling edge of the clock. A STOP condition after any byte can shorten transmission times. When writing to the transceiver by using the STOP condition before completion of the whole transfer: • The remaining bytes will contain the old information • If the transfer of a byte is not completed, the new bits will be used, but a new tuning cycle will not be started. The IC can be switched into a low current standby mode with the standby bit; the bus is then still active. The standby current can be reduced by deactivating the bus interface (pin BUSENABLE LOW). If the bus interface is deactivated (pin BUSENABLE LOW) without the standby mode being programmed, the IC maintains normal operation, but is isolated from the bus lines. |
Similar Part No. - TEA5768HL |
|
Similar Description - TEA5768HL |