Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2249 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2249
Description  14-Bit, 80Msps Low Power 3V ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249 Datasheet(HTML) 1 Page - Linear Technology

  LTC2249 Datasheet HTML 1Page - Linear Technology LTC2249 Datasheet HTML 2Page - Linear Technology LTC2249 Datasheet HTML 3Page - Linear Technology LTC2249 Datasheet HTML 4Page - Linear Technology LTC2249 Datasheet HTML 5Page - Linear Technology LTC2249 Datasheet HTML 6Page - Linear Technology LTC2249 Datasheet HTML 7Page - Linear Technology LTC2249 Datasheet HTML 8Page - Linear Technology LTC2249 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2249
1
2249f
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
Sample Rate: 80Msps
Single 3V Supply (2.7V to 3.4V)
Low Power: 222mW
73dB SNR at 70MHz Input
90dB SFDR at 70MHz Input
No Missing Codes
Flexible Input: 1VP-P to 2VP-P Range
575MHz Full Power Bandwidth S/H
Clock Duty Cycle Stabilizer
Shutdown and Nap Modes
Pin Compatible Family
80Msps: LTC2229 (12-Bit), LTC2249 (14-Bit)
65Msps: LTC2228 (12-Bit), LTC2248 (14-Bit)
40Msps: LTC2227 (12-Bit), LTC2247 (14-Bit)
25Msps: LTC2226 (12-Bit), LTC2246 (14-Bit)
10Msps: LTC2225 (12-Bit), LTC2245 (14-Bit)
32-Pin (5mm × 5mm) QFN Package
14-Bit, 80Msps
Low Power 3V ADC
The LTC
®2249 is a 14-bit 80Msps, low power 3V A/D
converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2249 is perfect for de-
manding imaging and communications applications with
AC performance that includes 73dB SNR and 90dB SFDR
for signals well beyond the Nyquist frequency.
DC specs include ±1LSB INL (typ), ±0.5LSB DNL (typ) and
no missing codes over temperature. The transition noise
is a low 1.2LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.3V
logic.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
SNR vs Input Frequency,
–1dB, 2V Range
APPLICATIO S
Wireless and Wired Broadband Communication
Imaging Systems
Ultrasound
Spectral Analysis
Portable Instrumentation
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D13
D0
CLK
REFH
REFL
ANALOG
INPUT
2229 TA01
OVDD
OGND
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
50
100
2249 G09
67
73
74
71
150
200


Similar Part No. - LTC2249

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
More results

Similar Description - LTC2249

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
   14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2299 LINER-LTC2299_15 Datasheet
718Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
   12-Bit, 80Msps Low Power 3V ADC
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
LTC2294 LINER-LTC2294 Datasheet
716Kb / 24P
   Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2294 LINER-LTC2294_15 Datasheet
722Kb / 24P
   Dual 12-Bit, 80Msps Low Power 3V ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
   10-Bit, 80Msps Low Noise 3V ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com