Electronic Components Datasheet Search |
|
LT3021-1.8 Datasheet(PDF) 5 Page - Linear Technology |
|
LT3021-1.8 Datasheet(HTML) 5 Page - Linear Technology |
5 / 16 page 5 LT3021/LT3021-1.2/ LT3021-1.5/LT3021-1.8 3021fa TEMPERATURE ( °C) –50 206 204 202 198 200 196 194 3021 G04 25 0 –25 50 75 125 100 TEMPERATURE ( °C) –50 250 225 200 150 175 125 100 75 50 25 0 25 0 –25 50 75 125 100 3021 G05 VIN = 6V VOUT = 1.2V IL = 0 VSHDN = VIN VSHDN = 0V ADJ Pin Voltage Quiescent Current ADJ Pin Bias Current TYPICAL PERFOR A CE CHARACTERISTICS TEMPERATURE ( °C) –50 25 20 15 5 10 0 3021 G11 25 0 –25 50 75 125 100 Output Voltage TEMPERATURE ( °C) –50 1.23 1.22 1.21 1.20 1.19 1.18 1.17 25 75 3021 G28 –25 0 50 100 125 ILOAD = 1mA Output Voltage Output Voltage TEMPERATURE ( °C) –50 1.83 1.82 1.81 1.80 1.79 1.78 1.77 25 75 3021 G22 –25 0 50 100 125 ILOAD = 1mA TEMPERATURE ( °C) –50 1.53 1.52 1.51 1.50 1.49 1.48 1.47 25 75 3021 G23 –25 0 50 100 125 ILOAD = 1mA INPUT VOLTAGE (V) 0 3.0 2.5 2.0 1.0 1.5 0.5 0 3021 G03 3 2 15 8 47 6 10 9 VSHDN = VIN VSHDN = 0V VOUT = 1.2V IL = 0 TJ = 25°C Quiescent Current Quiescent Current Quiescent Current INPUT VOLTAGE (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 24 6 8 3021 G26 10 1 03 5 7 9 VOUT = 1.5V IL = 0 TJ = 25°C VSHDN = 0V VSHDN = VIN INPUT VOLTAGE (V) 3.0 2.5 2.0 1.5 1.0 0.5 0 24 6 8 3021 G27 10 1 03 5 7 9 VOUT = 1.8V IL = 0 TJ = 25°C VSHDN = 0V VSHDN = VIN |
Similar Part No. - LT3021-1.8 |
|
Similar Description - LT3021-1.8 |