Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 4 Page - Linear Technology

  LTC4061 Datasheet HTML 1Page - Linear Technology LTC4061 Datasheet HTML 2Page - Linear Technology LTC4061 Datasheet HTML 3Page - Linear Technology LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4061
4
4061fa
CHARGE CURRENT (mA)
0
600
1000
4061 G01
200
400
800
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
TEMPERATURE (°C)
–50
4.215
4.210
4.205
4.200
4.195
4.190
4.185
–25
025
50
4061 G02
75
100
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
4061 G05
1.006
1.004
1.002
1.000
0.998
0.996
0.994
VPROG (V)
0
1200
1000
800
600
400
200
0
0.2
0.4
0.6
0.8
4061 G04
1.0
1.2
TEMPERATURE (°C)
84
82
80
78
76
4061 G07
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
2.96
2.94
2.92
2.90
2.88
2.86
2.84
4061 G08
VBAT (V)
3.0
550
450
350
250
150
50
3.8
4061 G09
3.2
3.4
3.6
4.0
VCC = 5V
RPROG = 1k
VCC = 5V
RPROG = 10k
RPROG = 10k
C/5 = VCC
VCC = 5V
VBAT = 2.5V
RPROG = 1.25k
VCC = 5V
RPROG = 1.25k
VCC = 5V
RPROG = 1k
C/5 = 5V
VTIMER = 5V
VCC = 5V
RPROG = 2k
VCC = 4.3V
VCC = 8V
C/5 = 5V
C/5 = 0V
4061 G03
VCC (V)
4.0
8.0
5.0
6.0
7.0
4.5
5.5
6.5
7.5
4.26
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
RPROG = 1k
TA = 25°C
IBAT = 10mA
4061 G06
VCC (V)
4.0
8.0
5.0
6.0
7.0
1.006
1.004
1.002
1.000
0.998
0.996
0.994
4.5
5.5
6.5
7.5
VCC = 5V
VBAT = 4V
RPROG = 10k
C/5 = 5V
TYPICAL PERFOR
CE CHARACTERISTICS
A
Battery Regulated Output (Float)
Voltage vs Charge Current
Battery Regulated Output (Float)
Voltage vs Temperature
PROG Pin Voltage vs Temperature
(Constant-Current Mode)
Charge Current vs PROG Pin
Voltage
Trickle Charge Current vs
Temperature
Trickle Charge Threshold Voltage
vs Temperature
Charge Current vs Battery Voltage
Battery Regulated Output (Float)
Voltage vs Supply Voltage
PROG Pin Voltage vs VCC
(Constant-Current Mode)


Similar Part No. - LTC4061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
Linear Integrated Syste...
LTC4061 LINEAR-LTC4061 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061 LINER-LTC4061 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com