Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHB222NQ04LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHB222NQ04LT
Description  N-channel TrenchMOSTM logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB222NQ04LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHB222NQ04LT Datasheet HTML 1Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 2Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 3Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 4Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 5Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 6Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 7Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 8Page - NXP Semiconductors PHB222NQ04LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHP/PHB222NQ04LT
N-channel TrenchMOS™ logic level FET
Rev. 01 — 13 May 2004
Product data
1.
Product profile
1.1 Description
Logic level N-channel enhancement mode field-effect transistor in a plastic package
using TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
[1]
It is not possible to make connection to pin 2 of the SOT404 package.
s Logic level threshold
s Very low on-state resistance.
s Motors, lamps, solenoids
s Uninterruptible power supplies
s DC-to-DC converters
s General industrial applications.
s VDS ≤ 40 V
s ID ≤ 75 A
s Ptot ≤ 300 W
s RDSon ≤ 2.8 mΩ.
Table 1:
Pinning - SOT78 (TO-220AB) and SOT404 (D2-PAK), simplified outline and symbol
Pin
Description
Simplified outline
Symbol
1
gate (g)
SOT78 (TO-220AB)
SOT404 (D2-PAK)
2
drain (d)
[1]
3
source (s)
mb
mounting base;
connected to
drain (d)
MBK106
12
mb
3
13
2
MBK116
mb
s
d
g
mbb076


Similar Part No. - PHB222NQ04LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB225NQ04T PHILIPS-PHB225NQ04T Datasheet
93Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-12 May 2004
More results

Similar Description - PHB222NQ04LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHU78NQ03LT PHILIPS-PHU78NQ03LT Datasheet
93Kb / 12P
   N-channel TrenchMOSTM logic level FET
Rev. 05-9 June 2005
logo
List of Unclassifed Man...
BUK9506-55B ETC1-BUK9506-55B Datasheet
115Kb / 15P
   N-channel TrenchMOSTM logic level FET
logo
NXP Semiconductors
PH8230E PHILIPS-PH8230E Datasheet
84Kb / 12P
   N-CHANNEL TRENCHMOSTM ENHANCED LOGIC LEVEL FET
Rev. 03-02 March 2004
logo
Guangdong Kexin Industr...
KUK7575-100A KEXIN-KUK7575-100A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7604-40A KEXIN-KUK7604-40A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7607-55B KEXIN-KUK7607-55B Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7606-55A KEXIN-KUK7606-55A Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7607-30B KEXIN-KUK7607-30B Datasheet
56Kb / 2P
   TrenchMOSTM standard level FET
KUK7109-75AIE KEXIN-KUK7109-75AIE Datasheet
61Kb / 2P
   TrenchMOSTM standard level FET
KUK7109-75ATE KEXIN-KUK7109-75ATE Datasheet
63Kb / 2P
   TrenchMOSTM standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com