Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-PD09 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LXHL-PD09
Description  Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-PD09 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LXHL-PD09 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-PD09 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Luxeon III Emitter DS45 (3/05)
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Table 4.
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
T
Te
em
mp
pe
erra
attu
urre
e
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h[[22]]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e[[33]]
H
Ha
allff w
wiid
dtth
h[[44]]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e[[55]]
A
An
ng
glle
e[[66]]
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
∆∆λλ
1
1//2
2
∆∆λλ
D
D/
/
∆∆TT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
White
4500K
5500K
10000K
Green
520nm
530nm
550nm
35
0.04
160
140
Lambertian
Cyan
490nm
505nm
520nm
30
0.04
160
140
Blue
460nm
470nm
490nm
25
0.04
160
140
Royal Blue
[2]
440nm
455nm
460nm
20
0.04
160
140
Optical Characteristics at 700mA, Junction Temperature, TJ = 25ºC
Continued
Table 5.
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h[[11]]
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all F
Fllu
ux
x
T
Ty
yp
piic
ca
all
λλD
D,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
P
Pe
errc
ce
en
ntt
A
An
ng
glle
e
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e[[33]]
H
Ha
allff w
wiid
dtth
h[[44]]
W
Wa
av
ve
elle
en
ng
gtth
h
w
wiitth
hiin
n
o
off P
Pe
ea
ak
k
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
ffiirrs
stt 4
45
5°° [[77]]
IIn
ntte
en
ns
siitty
y [[88]]
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
C
Cu
um
m
Φ
Φ
4
45
5°°
∆∆λλ
D
D/
/
∆∆TT
J
J
C
Cu
um
m
Φ
Φ
4
45
5°°
θθ
P
Pe
ea
ak
k
White
4500K
5500K
10000K
<15%
75°
85°
Side Emitting
Green
520nm
530nm
550nm
35
0.04
<15%
75°
85°
Blue
460nm
470nm
490nm
20
0.04
<15%
75°
85°
Notes: (for Tables 4 & 5)
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
2. Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength. Lumileds maintains a tolerance of
± 2nm for peak wavelength measurements.
3. CRI (Color Rendering Index) for White product types is 70. CRI for Warm White product type is 90 with typical R
9 value of
70. CCT ±5% tester tolerance.
4. Spectral width at ½ of the peak intensity.
5. Total angle at which 90% of total luminous flux is captured.
6.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. Cumulative flux percent within ± 45° from optical axis.
8. Off axis angle from lamp centerline where the luminous intensity reaches the peak value.
9. All white, green, cyan, blue and royal blue products built with Indium Gallium Nitride (InGaN).
10.Blue and Royal Blue power light sources represented here are IEC825 Class 2 for eye safety.


Similar Part No. - LXHL-PD09

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-PD09 LUMILEDS-LXHL-PD09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PD09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
70053K ETC2-70053K Datasheet
2Mb / 28P
   THE ADVANTAGES AND BENEFITS OF USING AMVECO TOROIDAL TRANSFORMERS
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Unity Opto Technology
MAL-3401 UOT-MAL-3401 Datasheet
47Kb / 2P
   The PLCC Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Unity Opto Technology
MAL-6001X-X08 UOT-MAL-6001X-X08 Datasheet
38Kb / 4P
   The LED Strip signage light module is comprised of a linear array of solid state light emitting diodes
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com