Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC2313258A Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC2313258A
Description  1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2313258A Datasheet(HTML) 6 Page - OKI electronic componets

  MSC2313258A Datasheet HTML 1Page - OKI electronic componets MSC2313258A Datasheet HTML 2Page - OKI electronic componets MSC2313258A Datasheet HTML 3Page - OKI electronic componets MSC2313258A Datasheet HTML 4Page - OKI electronic componets MSC2313258A Datasheet HTML 5Page - OKI electronic componets MSC2313258A Datasheet HTML 6Page - OKI electronic componets MSC2313258A Datasheet HTML 7Page - OKI electronic componets MSC2313258A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MSC2313258A-xxBS2/DS2
¡ Semiconductor
58
AC Characteristics (1/2)
Parameter
Symbol
Unit
Random Read or Write Cycle Time
Note
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
Note 1,2,3
tRC
ns
MSC2313258A
Fast Page Mode Cycle Time
tHPC
ns
Access Time from RAS
tRAC
ns
Access Time from CAS
tCAC
ns
Access Time from Column Address
tAA
ns
Access Time from CAS Precharge
tCPA
ns
Output Low Impedance Time from CAS
tCLZ
ns
CAS to Data Output Buffer Turn-off Delay Time
tCEZ
ns
Transition Time
tT
ns
Refresh Period
tREF
ms
RAS Precharge Time
tRP
ns
RAS Pulse Width
tRAS
ns
RAS Pulse Width (Fast Page Mode)
tRASP
ns
RAS Hold Time
tRSH
ns
CAS Precharge Time
tCP
ns
CAS Pulse Width
tCAS
ns
RAS Low to CAS High Delay Time
tCSH
ns
CAS High to RAS Low Delay Time
tCRP
ns
RAS to CAS Delay Time
tRCD
ns
RAS to Column Address Delay Time
tRAD
ns
Row Address Set-up Time
tASR
ns
Row Address Hold Time
tRAH
ns
Column Address Set-up Time
tASC
ns
Column Address Hold Time
tCAH
ns
Column Address Hold Time from RAS
tAR
ns
Column Address to RAS Lead Time
tRAL
ns
4, 5, 6
4, 5
4, 6
4
7, 8
3
5
6
-70BS2/DS2
MSC2313258A
-60BS2/DS2
4
RAS Hold Time from CAS Precharge
tRHCP
ns
Min.
130
30
0
0
3
50
70
70
20
10
10
45
5
20
15
0
10
0
15
50
35
40
Max.
70
20
35
40
15
50
16
10k
100k
10k
50
35
Min.
110
25
0
0
3
40
60
60
15
10
10
40
5
20
15
0
10
0
10
45
30
35
Max.
60
15
30
35
15
50
16
10k
100k
10k
45
30
Output Hold Time from CAS Low
tDOH
ns
5—
5—
RAS to Data Output Buffer Turn-off Delay Time
tREZ
ns
7, 8
015
015
WE to Data Output Buffer Turn-off Delay Time
tWEZ
ns
7
015
015
RAS to Second CAS Delay Time
tRSCD
ns
70
60


Similar Part No. - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXBS2 OKI-MSC2313258D-XXBS2 Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXDS2 OKI-MSC2313258D-XXDS2 Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23132C OKI-MSC23132C Datasheet
589Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23T OKI-MSC23T Datasheet
771Kb / 11P
   1,048,576-Word x 72-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com