Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1676-CPW Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1676-CPW
Description  Mobile AMD AthlonTM VRM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1676-CPW Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1676-CPW Datasheet HTML 7Page - Microsemi Corporation LX1676-CPW Datasheet HTML 8Page - Microsemi Corporation LX1676-CPW Datasheet HTML 9Page - Microsemi Corporation LX1676-CPW Datasheet HTML 10Page - Microsemi Corporation LX1676-CPW Datasheet HTML 11Page - Microsemi Corporation LX1676-CPW Datasheet HTML 12Page - Microsemi Corporation LX1676-CPW Datasheet HTML 13Page - Microsemi Corporation LX1676-CPW Datasheet HTML 14Page - Microsemi Corporation LX1676-CPW Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LX1676
PRELIMINARY DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Mobile AMD Athlon
™ VRM Controller
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Revision: 0.4b, 9/14/2004
TH EORY OF O PERATION (CONTINUED)
THEORY OF OPERATION FOR A BI-PHASE,
LOADSHARE
TM CONFIGURATION
The basic principle used in LoadSHARETM in a multiple
phase buck converter topology is that if multiple, identical,
inductors have the same identical voltage impressed across
their leads, they must then have the same identical current
passing through them. The current that we would like to
balance between inductors is mainly the DC component
along with as much as possible the transient current. All
inductors in a multiphase buck converter topology have
their output side tied together at the output filter capacitors.
Therefore this side of all the inductors has the same
identical voltage.
If the input side of the inductors can be forced to have
the same equivalent DC potential on this lead, then they
will have the same DC current flowing. To achieve this
requirement, phase 1 will be the control phase that sets the
output operating voltage, under normal PWM operation.
To force the current of phase 2 to be equal to the current of
phase 1; a second feedback loop is used. Phase 2 has a low
pass filter connected from the input side of each inductor.
This side of the inductors has a square wave signal that is
proportional to its duty cycle. The output of each LPF is a
DC
(+ some AC) signal that is proportional to the
magnitude and duty cycle of its respective inductor signal.
The second feedback loop will use the output of the
phase 1 LPF as a reference signal for an error amplifier
that will compare this reference to the output of the phase 2
LPF. This error signal will be amplified and used to
control the PWM circuit of phase 2. Therefore, the duty
cycle of phase 2 will be set so that the equivalent voltage
potential will be forced across the phase 2 inductor as
compared to the phase 1 inductor. This will force the
current in the phase 2 inductor to follow and equal the
phase 1 inductor current.
With the LoadSHARETM topology it is possible to
imbalance the phases so that one phase will supply more
current than the other under unique situations. The LX1676
will normally be used with the same supply voltages on
phase 1 and 2 PWM inputs and will have equal currents in
both phases.
LP2
LP1
Phase 1
Comparator
+
_
+
_
gm
Phase 2
Comparator
180°
Phase 2
Integrating
Amp
Differential
Amp
+
-
DC Bias
Phase 1 Error
Amp
+
-
HO1
EA -
EO2
LO1
LO2
HO2
Phase 1
Low Pass Filter
Phase 2
Low Pass Filter
Vout
DC Bias
DC Bias
DACOUT
Differential Feedbach From Vout
Phase 1 Diff
Amp
Ramp .75 V to 3 V
Both PWMs
Figure 5 – LoadSHARE Control Loop


Similar Part No. - LX1676-CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
More results

Similar Description - LX1676-CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Maxim Integrated Produc...
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX17009 MAXIM-MAX17009 Datasheet
710Kb / 45P
   AMD Mobile Serial VID Dual-Phase Fixed-Frequency Controller
0; 5/07
logo
Microsemi Corporation
LX1677 MICROSEMI-LX1677 Datasheet
320Kb / 16P
   AMD64 Processor VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com