Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD131T10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LD131T10
Description  1310nm Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LD131T10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LD131T10 Datasheet HTML 1Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 2Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LD131T10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Operation notes
1. Absolute maximum ratings
If an excessively large current flows in a laser diode, a large optical output will occur and the emitting facet may sustain
damage. This optical damage can occur even with momentary over-current. For this reason, absolute maximum ratings
which must not be exceeded even momentarily have been established. Exercise particular caution with respect to the drive
voltage supply and static electricity. We guarantee use within the absolute maximum ratings. These ratings are established
for a case temperature of 25_C. As the temperature of a laser diode increases, its maximum output will decrease and the
operating range will shrink. Even when operated within the absolute maximum ratings, operation at high temperature will
result in a shorter life than operation at low temperature. For this reason, the design should include sufficient margin for heat
radiation and light output.
2. Heat radiation conditions
Like other semiconductors, prolonged operation of a laser diode will cause heat to build up at junctions and increased case
temperature. For this reason, attach aluminum, copper (or other) heat sinks (at least 30 _ 30 _ 3mm) to the stem of the laser.
3.Protection against damage due to electrostatic discharge and other current surges
Electrostatic discharge and other current surges can cause deterioration and damage in laser diodes, resulting in reduced
reliability ,We advise taking the following protective measures :
1)Ground the device and circuits. Install surge filters, surge reduction transformers, or other electrostatic discharge
protectors in the power supply inputs.
(2) When working with laser diodes wear anti-static clothing, including footwear and caps. Materials should be selected
carefully.’ Grounded wrist should always be worn while working with laser diodes, and the strap should be grounded through
a 1 M
Ω resistance.
(3) Use anti-static containers for transport and storage.
(4) Laser deterioration and damage can occur due to excessive current spikes when the power is turned on or off. Design
circuits to avoid the generation of excessive current spikes.
(5) Inductive surges near equipment that emits high frequency EMI can damage or destroy lasers. Avoid using lasers near
fluorescent lamps or other sources of EMI emissions.
4. Soldering
Use a grounded soldering iron to solder laser leads. Solder at a temperature of no more than 250_C for a maximum of 3
seconds, at a point at least 2 mm from the base of the leads.
5.Handling laser diodes
Never touch the glass window of the laser. A damaged or dirtied window will impair the performance of the laser.
6. Handling packages
Due to the glass window in each device, packages must not be dropped or subjected to excessive pressure.
7. Safety
It is extremely dangerous to look, either directly or through a lens, at the laser beam emitted from a laser diode. Use a TV
camera or other similar device to adjust the optical axis.
CVC INTERNATIONAL LLC


Similar Part No. - LD131T10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD13 AVX-LD13 Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13 AVX-LD13 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
LD13PC102KAB1A AVX-LD13PC102KAB1A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB3A AVX-LD13PC102KAB3A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD13PC102KAB9A AVX-LD13PC102KAB9A Datasheet
55Kb / 2P
   Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
More results

Similar Description - LD131T10

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
   1310nm DFB Laser Diode LC TOSA
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com