Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0603CS_-R15_ Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CT0603CS_-R15_
Description  SMD ceramic core wire-wound high current chip inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CT0603CS_-R15_ Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CT0603CS_-R15_ Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
1.8
1.12
1.02
0.76
0.33
0.86
0.38
inches
0.07
0.044
0.04
0.03
0.013
0.034
0.015
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603CS-1N6_
G = ±2%, J = ±5%, K = ±10%, M = ±20%
* J, K or M only
CT0603CSF Please specify “F” for RoHS Compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω)
(mA)
CT0603CS_-1N6_*
1.6
250
24
250
12500
.03
700
CT0603CS_-1N8_*
1.8
250
16
250
12500
.05
700
CT0603CS_-3N6_
3.6
250
22
250
5900
.06
700
CT0603CS_-3N9_
3.9
250
22
250
6900
.08
700
CT0603CS_-4N3_
4.3
250
22
250
5900
.06
700
CT0603CS_-4N7_
4.7
250
20
250
5800
.12
700
CT0603CS_-5N1_
5.1
250
20
250
5700
.14
700
CT0603CS_-5N6_
5.6
250
20
250
5700
.14
700
CT0603CS_-6N3_
6.3
250
20
250
5700
.14
700
CT0603CS_-6N8_
6.8
250
27
250
5800
.11
700
CT0603CS_-7N5_
7.5
250
28
250
4800
.11
700
CT0603CS_-8N2_
8.2
250
28
250
4700
.11
700
CT0603CS_-8N7_
8.7
250
28
250
4600
.11
700
CT0603CS_-9N5_
9.5
250
28
250
5400
.14
700
CT0603CS_-10N_
10
250
31
250
4800
.13
700
CT0603CS_-11N_
11
250
33
250
4000
.09
700
CT0603CS_-12N_
12
250
35
250
4000
.13
700
CT0603CS_-15N_
15
250
35
250
4000
.17
700
CT0603CS_-16N_
16
250
34
250
3300
.10
700
CT0603CS_-18N_
18
250
35
250
3100
.17
700
CT0603CS_-22N_
22
250
38
250
3000
.19
700
CT0603CS_-23N_
23
250
38
250
2850
.19
700
CT0603CS_-24N_
24
250
37
250
2650
.14
700
CT0603CS_-27N_
27
250
40
250
2800
.22
600
CT0603CS_-30N_
30
250
37
250
2250
.14
600
CT0603CS_-33N_
33
250
40
250
2300
.22
600
CT0603CS_-36N_
36
250
38
250
2080
.25
600
CT0603CS_-39N_
39
250
40
250
2200
.25
600
CT0603CS_-43N_
43
250
39
250
2000
.28
600
CT0603CS_-47N_
47
200
38
200
2000
.28
600
CT0603CS_-56N_
56
200
38
200
1900
.31
600
CT0603CS_-68N_
68
200
37
200
1700
.34
600
CT0603CS_-72N_
72
150
34
150
1700
.49
400
CT0603CS_-82N_
82
150
34
150
1700
.54
400
CT0603CS_-R10_
100
150
34
150
1400
.58
400
CT0603CS_-R11_
110
150
32
150
1350
.61
300
CT0603CS_-R12_
120
150
32
150
1300
.65
300
CT0603CS_-R15_
150
150
28
150
990
.92
280
CT0603CS_-R18_
180
100
25
100
990
1.3
240
CT0603CS_-R22_
220
100
25
100
900
1.9
200
CT0603CS_-R27_
270
100
24
100
900
2.8
170
CT0603CS_-R33_*
330
100
25
100
900
3.9
100
CT0603CS_-R39_*
390
100
25
100
900
4.4
100
CT0603CS Series
From 1.6 nH to 390 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound high current
chip inductor
Applications: Telecommunication equipment, mobile phones,
small size pagers, computers, printers and relevant equipment.
Also, audio & video applications and the automotive electronics
industry. High frequency applications
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Marking: Reels are marked with inductance code and tolerance
Miscellaneous: RoHS Compliant available. Additional values
available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #5
RoHS
Compliant
Available


Similar Part No. - CT0603CS_-R15_

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT0603CSF-R15G CT-CT0603CSF-R15G Datasheet
382Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CSF-R15J CT-CT0603CSF-R15J Datasheet
382Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CSF-R15K CT-CT0603CSF-R15K Datasheet
382Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CSF-R15M CT-CT0603CSF-R15M Datasheet
382Kb / 1P
   Wire-wound Chip Inductors - Open
More results

Similar Description - CT0603CS_-R15_

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CHQ02 ALLIED-CHQ02 Datasheet
414Kb / 1P
   Ceramic Core High Current Chip Inductor
CHC03-1N6K-RC ALLIED-CHC03-1N6K-RC_10 Datasheet
424Kb / 1P
   Ceramic Core High Current Chip Inductor
logo
Wurth Elektronik GmbH &...
744916068 WURTH-744916068 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916110 WURTH-744916110 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916122 WURTH-744916122 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744916124 WURTH-744916124 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917060 WURTH-744917060 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917095 WURTH-744917095 Datasheet
375Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917151 WURTH-744917151 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
744917156 WURTH-744917156 Datasheet
373Kb / 6P
   WE-KI HC SMD High Current Wire Wound Ceramic Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com