Electronic Components Datasheet Search |
|
GM1431CT92B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
GM1431CT92B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 13 page 6 ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted) A GM1431C (2.0%) NOTES: (1) See test circuit 1. (2) See test circuit 2. (3) See test circuit 3. PARAMETER CONDITION MIN TYP MAX UNIT Reference Input Voltage Vref (1) V = V , I = 10 mA, T = 25°C KA ref K A 2.45 2.500 2.55 V (1) V =V ,I =10 mA,T = 0 to 70°C KA ref K A V temp deviation ref Vdev (1) V = V , I = 10 mA , T = full range KA ref K A 4 17 mV Ratio of change in Vref to change in VKA I = 10mA K -1.0 -0.4 mV/V Reference input current Iref (2) I = 10mA, R1 = 10KW, R2 = K 1.3 4.0 mA Iref(dev) (2) I = 10mA, R1 = 10KW, R2 = K T = full range A 0.4 1.2 mA Minimum operating current IK(min) (1) V= V KA ref 1.0 mA Off-state cathode current IK(off) (3) V = 36V, V = 0V KA ref 0.1 1 (3) V = 16V, V = 0V KA ref Dynamic impedance | Z | KA (1) f 1kHz,V =V , I =100mA to 100mA KA ref K 0.2 0.50 W DVref DVKA mA DV = 10V to V KA ref DV = 36V to 10V KA -2.7 -2.0 0.4 A A MICROELECTRONICS GM1431 ADJUSTABLE SHUNT REGULATOR Deviation of reference input current over full temperature range TEST CIRCUITS VIN VKA lk Test Circuit 1 V = V KA ref lref R2 VIN VKA R1 Vref lref Test Circuit 2 V > V KA ref l (off) k VIN VKA Test Circuit 3 Off-State Vref Vref Adjustable Shunt Regulator |
Similar Part No. - GM1431CT92B |
|
Similar Description - GM1431CT92B |