Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM1431AST89R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GM1431AST89R
Description  Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM1431AST89R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GM1431AST89R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 9Page - List of Unclassifed Manufacturers GM1431AST89R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
GM1431C (2.0%)
NOTES:
(1) See test circuit 1.
(2) See test circuit 2.
(3) See test circuit 3.
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Input Voltage
Vref
(1)
V
= V
, I = 10 mA, T = 25°C
KA
ref
K
A
2.45
2.500
2.55
V
(1)
V
=V
,I =10 mA,T = 0 to 70°C
KA
ref K
A
V
temp deviation
ref
Vdev
(1)
V
= V
, I = 10 mA , T = full range
KA
ref
K
A
4
17
mV
Ratio of change in Vref
to change in VKA
I = 10mA
K
-1.0
-0.4
mV/V
Reference input current
Iref
(2)
I = 10mA, R1 = 10KW, R2 =
K
1.3
4.0
mA
Iref(dev)
(2)
I = 10mA, R1 = 10KW, R2 =
K
T = full range
A
0.4
1.2
mA
Minimum operating
current
IK(min)
(1)
V= V
KA
ref
1.0
mA
Off-state cathode
current
IK(off)
(3)
V
= 36V, V
= 0V
KA
ref
0.1
1
(3)
V
= 16V, V
= 0V
KA
ref
Dynamic impedance
| Z
|
KA
(1)
f 1kHz,V
=V
, I =100mA to 100mA
KA
ref
K
0.2
0.50
W
DVref
DVKA
mA
DV
= 10V to V
KA
ref
DV
= 36V to 10V
KA
-2.7
-2.0
0.4
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Deviation of reference
input current over full
temperature range
TEST CIRCUITS
VIN
VKA
lk
Test Circuit 1
V
= V
KA
ref
lref
R2
VIN
VKA
R1
Vref
lref
Test Circuit 2
V
> V
KA
ref
l (off)
k
VIN
VKA
Test Circuit 3
Off-State
Vref
Vref
Adjustable Shunt Regulator


Similar Part No. - GM1431AST89R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1431AST89R GAMMA-GM1431AST89R Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
GM1431AST89RL GAMMA-GM1431AST89RL Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM1431AST89R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
[Old version datasheet]   The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
First Components Intern...
TL432 FCI-TL432 Datasheet
88Kb / 2P
   Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
   3-Terminal Adjustable Shunt Regulator
TL431 SECOS-TL431 Datasheet
583Kb / 3P
   3-Terminal Adjustable Shunt Regulator
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A432A AITSEMI-A432A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com