Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-51167NCU-FW-AB Datasheet(PDF) 3 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AB
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 
 3 page
background image
F-51167NCU-FW-AB
(AB)
No.2000-0182
OPTREX CORPORATION
Page 3/17
OPTREX
2.Electrical Specif ications
2.1.Absolute Maximum Ratings
GND=0V
Parameter
Symbol
Conditions
Min.
Max.
Units
Supply Voltage
(Logic)
VCC1-GND
-0.3
7.0
V
Supply Voltage
(LCD Drive)
VCC2-GND
0
6.0
V
Input Voltage
VI
-0.3
VCC1+0.3
V
VCONT
Input Voltage
VCONT-GND
0
3.0
V
2.2.DC Characteristics
Ta=25℃, GND=0V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
(Logic)
VCC1-GND
3.0
5.5
V
Supply Voltage
(LCD Drive)
VCC2-GND
3.0
5.5
V
Voltage for Contrast
Adjustment (Note1)
VCONT-GND
0.8
2.7
V
High Level
Input Voltage
VIH
VCC1=3.0~5.5V
0.8× VCC1
VCC1
V
Low Level
Input Voltage
VIL
VCC1=3.0~5.5V
0
0.2× VCC1
V
Supply Current
(Note2)
ICC
VCC1-GND=5.0V
VCC2-GND=5.0V
40.0
60.0
mA
Clock Frequency
fCP
VCC1=2.7~5.5V
Duty=50%
30
MHz
Note1:The relation between Voltage for Contrast Adjustment and LCD Contrast is shown as follows;
0.8V(Bright)~2.7V(dark)
Note2:Supply current which checker pattern displayed.
ICC= ICC1+ ICC2
GB
R
fF=70Hz
VD=24.5
GB
RG B
RG B
R




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
C-51505NFJ-SLG-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components