Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-51167NCU-FW-AB Datasheet(PDF) 2 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AB
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 
 2 page
background image
F-51167NCU-FW-AB
(AB)
No.2000-0182
OPTREX CORPORATION
Page 2/17
OPTREX
1.General Specif ications
Operating Temp.
: min. 0℃ ~ max. 50℃
Storage Temp.
: min. -20℃ ~ max. 70℃
Dot Pixels
: 320×3 [R.G.B] (W) × 240 (H) dots
Dot Size
: 0.10 (W) × 0.34 (H) mm
Dot Pitch
: 0.12 (W) × 0.36 (H) mm
Viewing Area
: 122.0 (W) × 92.0 (H) mm
Outline Dimensions
: 167.1* (W) × 109.0 (H) × 8.0 max. (D) mm
* Without CFL Cable
Weight
: 204g max.
LCD Type
: CTD-17753
( F-STN / Color-mode / Transmissive )
Viewing Angle
: 12:00
Data Transfer
: 8-bit parallel data transfer
Duty
: 1/240 Duty
Backlight
: Cold Cathode Fluorescent Lamp (CFL) × 1
Additional Spec.
: Wide Viewing Type
Drawings
: Dimensional Outline
UE-300830




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
C-51505NFJ-SLG-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components