Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-51167NCU-FW-AB Datasheet(PDF) 9 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AB
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 9 page
background image
F-51167NCU-FW-AB
(AB)
No.2000-0182
OPTREX CORPORATION
Page 9/17
OPTREX
3.2.Definition of Viewing Angle and Optimum Viewing Area
・Point ● shows the point where contrast ratio is measured. : θ= 0 ゚, φ=-゚
・Driving condition : 1/240 Duty,1/16 Bias, VOD= 24.5V(Shown in 3.1 Note4), fF=70Hz
・Area
shows typ. CR≧2
3.3.System Block Diagram
0 ゚
90 ゚
180 ゚
270 ゚
θ
φ
270 ゚
135 ゚
315 ゚
225 ゚
45 ゚
180 ゚
90 ゚
θ
(φ= 0 ゚)
φ
10 20 30 40 50
φ
Halogen bulb
Computer
Rotation Table (θ,φ)
Temperature Chamber
LCD
Optical Fiber
Waveform Generator
Control Unit &
#1980A WB
Photometer
θ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
C-51505NFJ-SLG-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components