Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-51167NCU-FW-AB Datasheet(PDF) 7 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AB
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 7 page
background image
F-51167NCU-FW-AB
(AB)
No.2000-0182
OPTREX CORPORATION
Page 7/17
OPTREX
2.7.Lighting Specifications
Ta=25℃
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Notes
Lamp Voltage
VL
430
Vrms
1
Lamp Current
IL
4.0
5.0
6.0
mArms
2
Starting Voltage
VS
700
Vrms
3
Surface Luminance
L
IL = 5.0 mA
80
120
cd/㎡
4
Average Life
TAL
IL = 5.0 mA
20000
hrs
5
Note 1 : The voltage ( r.m.s. ) to maintain the electric discharge of the lamp. It is measured after lighting for
3 minutes .
Note 2 : The current ( r.m.s. ) to flow through the lamp with the electric discharge. It is measured after
lighting for 3 minutes.
Note 3 : The voltage at starting the electric discharge when the voltage is increased gradually from 0V.
Note 4 : Surface Luminance is specified by the average of 9 luminance values measured at each point
shown above after 20 minutes power on with the all ON pattern adjusted to maximum contrast and
the dimming control of 100%. ( maximum brightness )
Note 5 : CFL life is defined as the time for which the initial luminance is attenuated by 50% of the
luminance value. Average Life representes the time elapsed at the point of time when the residual
ratio becomes below 50% when plural lamps are lighted in comparison with the definition of life
mentioned above.
V
N
I
CFL Testing Circuit
L
F
C
VS
VL
IL
Measurement Points
P7
P4
P1
X=120
X=60
X=180
Y=260
Y=160
Y=60
P8
P5
P2
P9
P6
P3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
C-51505NFJ-SLG-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components