Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1553CVBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1553CVBG
Description  Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1553CVBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1553CVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1553CVBG Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC1553
Compact 500KHz PWM/PFM, Step-Down DC/DC
Converters
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-1553-P2 061402
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Tiny 5-Lead SOT-23 package
Uses Tiny Capacitors and Inductor
High Frequency Operation: 500KHz
High Output Current: 500mA
Low RDS(ON) Internal Switch: 0.6Ω
High Efficiency: Up to 90%
Current Mode Operation for Excellent Line and
Load Transient Response
Short-Circuit Protected
Low Quiescent Current: 22
µA
Low Dropout Operation: 100% Duty Cycle
Ultralow Shutdown Current: IQ < 1µA
Peak Inductor Current Independent of Inductor
Value
Low Output Voltages: Down to 0.75V
APPLICATIONS
Cellular Phones.
PDAs and Handy-Terminals.
CPU I/O Supplies.
Cordless Phones.
Notebook Chipset Supplies.
Handheld Equipment
DESCRIPTION
The AIC1553 is a step-down, current mode,
DC/DC converter. It operates from 2.5V to 5.5V
input voltage range and switches at 500KHz,
allowing the use of tiny, low cost capacitors and
inductors. The output voltage is adjustable from
0.75V to 5V. A built-in 0.6
Ω switch allows up to
0.5A of output current at high efficiency.
The AIC1553 operates continuously to very low
load currents to provide low ripple at the
expense of light load efficiency. With no load,
the AIC1553 draws only 22
µA. In shutdown
mode, it draws less than 1
µA, making it ideal for
current sensitive applications.
The tiny 5-lead SOT-23 package makes it
easy to save the layout area.
TYPICAL APPLICATION CIRCUIT
SW 1
GND 2
VFB 3
VIN
5
SD
4
U1
AIC1553
VIN
+ C1
10
µF
L1
6.8
µH
R2
560K
R1
240K
C2
47
µF
C3
D1
SS12
C4
4.7
µF
VOUT
ON/OFF
2.5V
2.5V~5.5V
22pF
2.5V/500mA Step-Down Converter


Similar Part No. - AIC1553CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTB AIC-AIC1550COTB Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTR AIC-AIC1550COTR Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTB AIC-AIC1550CPTB Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTR AIC-AIC1550CPTR Datasheet
956Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results

Similar Description - AIC1553CVBG

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Torex Semiconductor
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com