Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5410IPFB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5410IPFB
Description  12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5410IPFB Datasheet(HTML) 5 Page - Texas Instruments

  ADS5410IPFB Datasheet HTML 1Page - Texas Instruments ADS5410IPFB Datasheet HTML 2Page - Texas Instruments ADS5410IPFB Datasheet HTML 3Page - Texas Instruments ADS5410IPFB Datasheet HTML 4Page - Texas Instruments ADS5410IPFB Datasheet HTML 5Page - Texas Instruments ADS5410IPFB Datasheet HTML 6Page - Texas Instruments ADS5410IPFB Datasheet HTML 7Page - Texas Instruments ADS5410IPFB Datasheet HTML 8Page - Texas Instruments ADS5410IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ADS5410
SLAS346 – JUNE 2002
www.ti.com
5
PIN ASSIGNMENTS
14 15
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
AVDD
AGND
VINP
VINN
AGND
CML
AVDD
VREFB
VREFT
AVDD
AGND
NC
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PFB PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD
1, 7, 10, 18,
44, 45, 47
I
Analog power supply
AGND
2, 5, 11, 21,
42, 43, 46, 48
I
Analog ground
CLK
19
I
Clock input
CLKC
20
I
Complementary clock input
CML
6
O
Common-mode output voltage
D11–D0
25–36
O
Digital outputs, D11 is most significant data bit, D0 is least significant data bit.
DGND
41
I
Digital ground
DVDD
40
I
Digital power supply
NC
12, 14, 15, 17,
24, 37
No connection
OGND
22, 39
I
Digital driver ground
OVDD
23, 38
I
Digital driver power
PWD
16
I
Power down, active high
VBG
13
O
Bandgap voltage output
VINN
4
I
Complementary analog input
VINP
3
I
Analog input
VREFB
8
O
Reference bottom
VREFT
9
O
Reference top


Similar Part No. - ADS5410IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5410IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com