Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5STP33L2800 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5STP33L2800
Description  Patented free-floating silicon technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5STP33L2800 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  5STP33L2800 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5STP33L2800 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5STP33L2800 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5STP33L2800 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5STP33L2800 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5STP33L2800 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5STP 33L2800
ABB Semiconductors AG reserves the right to change specifications without notice.
ABB Semiconductors AG
Doc. No. 5SYA1011-03 Sep. 01
Fabrikstrasse 3
CH-5600 Lenzburg, Switzerland
Telephone +41 (0)62 888 6419
Fax
+41 (0)62 888 6306
Email
abbsem@ch.abb.com
Internet
www.abbsem.com
Turn-on and Turn-off losses
Fig. 15 Won = f(IT, tP), Tj = 125°C.
Half sinusoidal waves.
Fig. 16 Won = f(IT, di/dt), Tj = 125°C.
Rectangular waves.
Fig. 17 Woff = f(V0,IT), Tj = 125°C.
Half sinusoidal waves. tP = 10 ms.
Fig. 18 Woff = f(V0,di/dt), Tj = 125°C.
Rectangular waves.


Similar Part No. - 5STP33L2800

ManufacturerPart #DatasheetDescription
logo
ABB
5STP33L2800 ABB-5STP33L2800 Datasheet
321Kb / 6P
   Phase Control Thyristor
More results

Similar Description - 5STP33L2800

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
KDCRO275327-10 SYNERGY-KDCRO275327-10 Datasheet
271Kb / 3P
   Lead Free Patented REL-PRO짰 Technology
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
   patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
   Patented Super Barrier Rectifier Technology
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
   Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
Taoglas antenna solutio...
TG308112W TAOGLAS-TG308112W Datasheet
1Mb / 20P
   SPECIFICATION PATENTED
logo
Vincotech
80-M312PMA100M7-K420A70 VINCOTECH-80-M312PMA100M7-K420A70 Datasheet
319Kb / 7P
   Solder-free spring contact technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com