Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3DS16-325 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3DS16-325
Description  512K x 32 Bit High-Speed CMOS Static RAM-5.0V Operating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

3DS16-325 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3DS16-325 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3DS16-325 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3DS16-325 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
16Mbit CMOS SRAM
3SD16-325
3D PLUS, 641 rue Hélène Boucher - ZI
F-78532 BUC Cedex FRANCE
Tel : 33 (0)1 30 83 26 50 FAX : 33 (0)1 39 56 25 89
Web : http://www. 3d-plus.com
ELECTRONICS
3DFP-0012
Rev : 2
January 2000
Page 2/3
Symbol
Parameter
Val.
TRAC
Read Cycle Time
15/20ns
Write Cycle Time
PRELIMINARY
V
V
V
V
RECOMMENDED DC OPERATING CONDITIONS (TA=0 to 70°C)
Parameter
Symbol
Symbol
Parameter
Min
Typ
Max
Unit
Min
Max
Unit
Test Conditions
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VCC
4.5
0
2.2
-0.5
5.0
0
-
-
0.8
VCC+0.5
0
5.5
NOTE: The above parameters are also guaranteed at industrial temperature range.
DC AND OPERATING CHARACTERISTICS (TA=0 to 70°C, VCC=5.0 ± 0.5V, unless otherwise specified)
Input Leakage Current
Output Leakage Current
Operating Current
Standby Current
Output Low Voltage Level
Output High Voltage Level
ILI
ILO
ICC
VIN = VSS to VCC
CS# = VIH or OE# = VIH or WE# = VIL
VOUT = VSS to VCC
Min. Cycle, 100% Duty
CS = VIL, VIN = VIH or VIL, IOUT = 0mA
-8
-8
8
8
µA
µA
15ns
20ns
530
540
mA
mA
mA
280
80
0.4
2.4
V
V
Min. Cycle, CS# = VIH
ISB
ISB1
VOL
VOH
IOL = 8mA
IOH = -4mA
f = 0MHZ, CS#
≥= VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
Note: The above parameters are also guaranteed at industrial temperature range.
ABSOLUTE MAXIMUM RATINGS
Voltage on Any Pin Relative to Vss
Parameter
Voltage on Vcc Supply Relative to Vss
Power Dissipation
Storage Temperature
Operating Temperature
Commercial
Symbol
Industrial
Rating
Unit
VIN. VOUT
Vcc
PD
TSTG
TA
TA
°C
W
V
V
°C
°C
-0.5 to +7.0
-0.5 to +7.0
-65 to 150
2.0
-40 to 85
0 to 70
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent to the
device. This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Max
CAPACITANCE*(TA = 25°C, f = 1.0MHZ)
Item
Symbol
Test Conditions
Min
16
Unit
Input / Output Capacitance
Input / Capacitance
CI/O
CIN
VIN = 0V
VI/O = 0V
28
pF
-
-
pF
*NOTE : Capacitance is sampled and not 100% tested.
TWC
15/20ns
DC OUTPUT CHARACTERISTICS
Symbol
Parameter
Conditions
Min.
Max.
Unit
HIGH Voltage
IOH = -4.0mA
IOL = 8.0mA
LOW Voltage
VOL
VOH
2.4
0.4
V
V
TRUTH TABLE
MODE
CS#
WE#
OE#
I/O Pin
Supply
Current
Not Selected
Not Selected
DOUT Disable
Read
Write
X
X
X
X
X
X
H
L
L
L
L
L
H
H
H
High-Z
Standby
Active
DOUT
High-Z
High-Z
Standby
DIN
Active
Active
H = HIGH
L = LOW
X = Don't Care
If OE is LOW during Write, tWHZ must be observed before data
is presented to the device.


Similar Part No. - 3DS16-325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3DSD1280-323H ETC-3DSD1280-323H Datasheet
52Kb / 2P
   1.28 GBit Synchronous DRAM - Hermetic package
3DSD1280-883D-S ETC-3DSD1280-883D-S Datasheet
52Kb / 2P
   1.28 GBit Synchronous DRAM - Hermetic package
3DSD1280-PROTO ETC-3DSD1280-PROTO Datasheet
52Kb / 2P
   1.28 GBit Synchronous DRAM - Hermetic package
logo
Guangdong Juxing Electr...
3DSR0.3A JUXING-3DSR0.3A Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
3DSR0.3B JUXING-3DSR0.3B Datasheet
1Mb / 3P
   Surface Mount Standard Rectifiers
More results

Similar Description - 3DS16-325

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com