Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MSC1209 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSC1209
Description  42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

 6 page
background image
¡ Semiconductor
MSC1209
6/15
ABSOLUTE MAXIMUM RATINGS
Symbol
VDD
Parameter
Power Supply Voltage
Condition
Rating
–0.3 to +20
Unit
V
Input Voltage
Power Dissipation
VIN
PD
Ta≥25°C
–0.3 to +6.0
257
mW
All input pins
Storage Temperature
TSTG
–65 to +150
V
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
VIH
Parameter
"H" Input Voltage
Condition
All input pins other than OSC
VIL
"L" Input Voltage
All input pins other than OSC
Typ.
Max.
5.5
+0.8
Unit
V
V
Min.
3.8
–0.3
VDD
Power Supply Voltage
18.0
V
8.0
IO–1
"H" Driver Output
VDD=10.8V, 1 driver at the ON state
IO–2
Current
VDD=10.8V, all drivers at the ON state
–2.2
–92.4
mA
mA
fOSC
Oscillation Frequency
C=68pF
fGRID
Grid Frequency
C=68pF
512
250
716.8
350
kHz
Hz
307.2
150
fC
CLOCK Frequency
1.0
MHz
TOP
Operating Temperature
+105
°C
–40




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSC120160-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
AN6870DUAL FLUORESCENT DISPLAY TUBE DRIVER WITH 18 DOT PEAK HOLD 1 2 3 4 5 Panasonic Semiconductor
CS1087Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
CS1089Vacuum Fluorescent Display Tube Driver 1 2 3 4 5 MoreON Semiconductor
MSC120532-Bit Duplex Controller/Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
MSC120823-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function 1 2 3 4 5 MoreOKI electronic componets
MSC121863-Bit Triplex Controller/Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
MSC1230111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl