Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4903PWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF4903PWR
Description  SINGLE-CHIP MULTIBAND RF TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4903PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF4903PWR Datasheet HTML 4Page - Texas Instruments TRF4903PWR Datasheet HTML 5Page - Texas Instruments TRF4903PWR Datasheet HTML 6Page - Texas Instruments TRF4903PWR Datasheet HTML 7Page - Texas Instruments TRF4903PWR Datasheet HTML 8Page - Texas Instruments TRF4903PWR Datasheet HTML 9Page - Texas Instruments TRF4903PWR Datasheet HTML 10Page - Texas Instruments TRF4903PWR Datasheet HTML 11Page - Texas Instruments TRF4903PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TRF4903
SINGLECHIP MULTIBAND RF TRANSMITTER
SWRS023B − MAY 2004 − REVISED MARCH 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac electrical characteristics, VCC = 2.7 V, TA = 25°C (continued)
XTAL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency range
9.5
20
MHz
brownout detector
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage threshold, Vdet
Set by B<2:1>
2.2
2.8
V
Voltage steps (
∆V)
200
mV
Number of steps
4
Output level
Connected to typical input port of microcontroller
CMOS
timing data for serial interface
PARAMETER
MIN
TYP
MAX
UNIT
f(CLOCK)
Clock frequency
20
MHz
tw(CLKHI)
Clock high-time pulse width, clock high
20
ns
tw(CLKLO)
Clock low-time pulse width, clock low
20
ns
tsu(D)
Setup time, data valid before CLOCK
0
ns
th(D)
Hold time, data valid after CLOCK
10
ns
td(CLKLO)
Delay time of CLOCK low before STROBE high
20
ns
tw(STROBEHI)
STROBE high-time pulse width, STROBE high
20
ns
tw(STROBELO)
STROBE low-time pulse width, STROBE low
20
ns
STROBE
t su(D)
Data
Valid
Data
Change
DATA
CLOCK
th(D)
t w(CLKHI)
t w(CLKLO)
Clock Disabled
Store Data
Shift in Data
t
w(STROBEHI)
−V
H
−V
L
t d(CLKLO)
t r
t f
MSB
LSB
MSB
Start of
Next Word
Strobe Enabled
Clock Enabled
−V
H
−V
L
−V
H
−V
L
Note: Most significant bit (MSB) clocked in first to the synthesizer.
tw(STROBELOW)
Figure 2. Timing Data for Serial Interface


Similar Part No. - TRF4903PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903PWR TI1-TRF4903PWR Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903PWRG4 TI1-TRF4903PWRG4 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
More results

Similar Description - TRF4903PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
TRF4900 TI-TRF4900 Datasheet
309Kb / 23P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com